Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8601MA/NOPB Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8601MA/NOPB
Description  Current-Sensing Amplifiers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8601MA/NOPB Datasheet(HTML) 31 Page - Texas Instruments

Back Button LMP8601MA/NOPB Datasheet HTML 27Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 28Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 29Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 30Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 31Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 32Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 33Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 34Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
31
LMP8601, LMP8601-Q1
LMP8602, LMP8602-Q1
LMP8603, LMP8603-Q1
www.ti.com
SNOSAR2H – SEPTEMBER 2008 – REVISED APRIL 2016
Product Folder Links: LMP8601 LMP8601-Q1 LMP8602 LMP8602-Q1 LMP8603 LMP8603-Q1
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
9 Power Supply Recommendations
In order to decouple the LMP860x and LMP860x-Q1 from AC noise on the power supply, place a 0.1-
μF bypass
capacitor between the VS and GND pins. Place this capacitor as close as possible to the supply pins. In some
cases, an additional 10-
μF bypass capacitor may further reduce the supply noise.
10 Layout
10.1 Layout Guidelines
The traces leading to and from the sense resistor can be significant error sources. With small value sense
resistors (< 100 m
Ω), any trace resistance shared with the load current can cause significant errors.
The amplifier inputs should be directly connected to the sense resistor pads using Kelvin or 4-wire connection
techniques. The traces should be one continuous piece of copper from the sense resistor pad to the amplifier
input pin pad, and ideally on the same copper layer with minimal vias or connectors. This can be important
around the sense resistor if it is generating any significant heat gradients.
To minimize noise pickup and thermal errors, the input traces should be treated as a differential signal pair and
routed tightly together with a direct path to the input pins. The input traces should be run away from noise
sources, such as digital lines, switching supplies or motor drive lines. Remember that these traces can contain
high voltage, and should have the appropriate trace routing clearances.
Since the sense traces only carry the amplifier bias current, the connecting input traces can be thinner, signal
level traces. Excessive Resistance in the trace should also be avoided.
The paths of the traces should be identical, including connectors and vias, so that any errors will be equal and
cancel.
The sense resistor will heat up as the load increases. As the resistor heats up, the resistance generally goes up,
which will cause a change in the readings. The sense resistor should have as much heatsinking as possible to
remove this heat through the use of heatsinks or large copper areas coupled to the resistor pads. A reading
drifting over time after turnon can usually be traced back to sense resistor heating.
10.2 Layout Example
Figure 66. Kelvin or 4–wire Connection to the Sense Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com