Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8601MA/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8601MA/NOPB
Description  Current-Sensing Amplifiers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8601MA/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMP8601MA/NOPB Datasheet HTML 4Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 5Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 6Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 7Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 8Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 9Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 10Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 11Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
8
LMP8601, LMP8601-Q1
LMP8602, LMP8602-Q1
LMP8603, LMP8603-Q1
SNOSAR2H – SEPTEMBER 2008 – REVISED APRIL 2016
www.ti.com
Product Folder Links: LMP8601 LMP8601-Q1 LMP8602 LMP8602-Q1 LMP8603 LMP8603-Q1
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Electrical Characteristics: VS = 5 V (continued)
at TA = 25°C, VS = 5 V, GND = 0 V, –22 V ≤ VCM ≤ 60 V, RL = ∞, OFFSET (pin 7) is grounded, and 10 nF between VS and
GND (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
(6)
AC common-mode signal is a 5-VPP sine-wave (0 V to 5 V) at the given frequency.
(7)
Positive current corresponds to current flowing into the device.
(8)
For this test input is driven from A1 stage.
(9)
For VOL, RL is connected to VS and for VOH, RL is connected to GND.
(10) Short-Circuit test is a momentary test. Continuous short circuit operation at elevated ambient temperature can result in exceeding the
maximum allowed junction temperature of 150°C.
PREAMPLIFIER (FROM INPUT PINS -IN (PIN 1) AND +IN (PIN 8) TO A1 (PIN 3))
RCM
Input impedance, common mode
0 V
≤ VCM ≤ 60 V
295
k
Ω
Over full temperature range
250
350
–20 V
≤ VCM ≤ 0 V
193
k
Ω
Over full temperature range
165
250
RDM
Input impedance, differential mode
0 V
≤ VCM ≤ 60 V
590
k
Ω
Over full temperature range
500
700
–20 V
≤ VCM ≤ 0 V
386
k
Ω
Over full temperature range
300
500
VOS
Input offset voltage
VCM = VS / 2
±0.15
±1
mV
DC CMRR
DC common-mode rejection ratio
–20 V
≤ VCM ≤ 60 V
105
dB
Over full temperature range
90
AC CMRR
AC common-mode rejection ratio(6)
f = 1 kHz
80
96
dB
f = 10 kHz
83
CMVR
Input common-mode voltage range
for 80-dB CMRR
Over full temperature range
–22
60
V
K1
Preamplifier gain(3)
9.95
10
10.05
V/V
RF-INT
Output impedance filter resistor
100
k
Ω
–40°C
≤ TA ≤ 125°C,
99
101
–40°C
≤ TA ≤ 150°C, LMP8601EDRQ1 only
97
103
TCRF-INT
Output impedance filter resistor drift
±5
±50
ppm/°C
A1 VOUT
A1 output voltage swing
VOL, RL = ∞
2
mV
Over full temperature range
10
VOH, RL = ∞
4.985
V
Over full temperature range
4.95
OUTPUT BUFFER (FROM A2 (PIN 4) TO OUT (PIN 5))
VOS
Input offset voltage
0V
≤ VCM ≤ VS
–2
±0.5
2
mV
Over full temperature range
–2.5
2.5
K2
Output buffer gain(3)
LMP8601, LMP8601-Q1
1.99
2
2.01
V/V
LMP8602, LMP8602-Q1
4.975
5
5.025
LMP8603, LMP8603-Q1
9.95
10
10.05
IB
Input bias current of A2(7)
–40
fA
Over full temperature range
±20
nA
A2 VOUT
A2 output voltage swing(8) (9)
VOL, RL = ∞
LMP8601,
LMP8601-Q1,
4
mV
Over full
temperature range
20
LMP8602,
LMP8602-Q1
10
Over full
temperature range
40
LMP8602,
LMP8603-Q1
10
Over full
temperature range
80
VOH, RL = ∞
4.99
V
Over full temperature range
4.98
ISC
Output short-circuit current(10)
Sourcing, VIN = VS, VOUT = GND
–25
–42
–60
mA
Sinking, VIN = GND, VOUT = VS
30
48
65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com