Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8601MA/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8601MA/NOPB
Description  Current-Sensing Amplifiers
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8601MA/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMP8601MA/NOPB Datasheet HTML 5Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 6Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 7Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 8Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 9Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 10Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 11Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 12Page - Texas Instruments LMP8601MA/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
VCM (V)
200
150
100
50
0
-50
0
1
2
3
4
5
125°C
VCM (V)
100
0
-100
-200
-300
0
1
2
3
4
5
25°C
-40°C
VCM (V)
100
75
50
25
0
-25
-50
-10
0
10
20
30
25°C
-40°C
125°C
VCM (V)
200
150
100
50
0
-50
-100
-30
-10
10
30
50
70
25°C
-40°C
125°C
VCM (V)
1.0
0.8
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
-20
-10
0
10
20
30
40
50
60
-40°C
125°C
85°C
25°C
VS = 5V
VCM (V)
1.0
0.8
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
-4
0
4
8
12
16
20
24
28 30
-40°C
125°C
85°C
25°C
VS = 3.3V
9
LMP8601, LMP8601-Q1
LMP8602, LMP8602-Q1
LMP8603, LMP8603-Q1
www.ti.com
SNOSAR2H – SEPTEMBER 2008 – REVISED APRIL 2016
Product Folder Links: LMP8601 LMP8601-Q1 LMP8602 LMP8602-Q1 LMP8603 LMP8603-Q1
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
6.8 Typical Characteristics
at TA = 25°C, VS = 5 V, GND = 0 V, –22 ≤ VCM ≤ 60 V, RL = ∞, OFFSET (pin 7) connected to VS, and 10 nF between VS and
GND (unless otherwise noted)
Figure 1. VOS vs VCM at VS = 3.3 V
Figure 2. VOS vs VCM at VS = 5 V
Figure 3. Input Bias Current Over Temperature (+IN and –IN
pins) at VS = 3.3 V
Figure 4. Input Bias Current Over Temperature (+IN and –IN
pins) at VS = 5 V
Figure 5. Input Bias Current Over Temperature (A2 pin) at
VS = 5 V
Figure 6. Input Bias Current Over Temperature (A2 pin) at
VS = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com