Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5709APHPR Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5709APHPR
Description  20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5709APHPR Datasheet(HTML) 32 Page - Texas Instruments

Back Button TAS5709APHPR Datasheet HTML 28Page - Texas Instruments TAS5709APHPR Datasheet HTML 29Page - Texas Instruments TAS5709APHPR Datasheet HTML 30Page - Texas Instruments TAS5709APHPR Datasheet HTML 31Page - Texas Instruments TAS5709APHPR Datasheet HTML 32Page - Texas Instruments TAS5709APHPR Datasheet HTML 33Page - Texas Instruments TAS5709APHPR Datasheet HTML 34Page - Texas Instruments TAS5709APHPR Datasheet HTML 35Page - Texas Instruments TAS5709APHPR Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 61 page
background image
2
s
m
2
s
m
2
s
m
AVDD/DVDD
PDN
PVDD
RESET
T0420-01
3V
8V
6V
I S
2
I C
2
2ms
0ns
0ns
0ns
0ns
Recommended Command Sequences
TAS5709, TAS5709A
SLOS599A – NOVEMBER 2008 – REVISED SEPTEMBER 2009 ..................................................................................................................................... www.ti.com
Figure 37. Power Loss Sequence
The DAP has two groups of commands. One set is for configuration and is intended for use only during
initialization. The other set has built-in click and pop protection and may be used during normal operation while
audio is streaming. The following supported command sequences illustrate how to initialize, operate, and
shutdown the device.
Initialization Sequence
Use the following sequence to power-up and initialize the device:
1.
Hold all digital inputs low and ramp up AVDD/DVDD to at least 3V.
2.
Initialize digital inputs and PVDD supply as follows:
•
Drive RESETZ=0, PDNZ=1, and other digital inputs to their desired state while ensuring that
all are never more than 2.5V above AVDD/DVDD. Provide stable and valid I2S clocks
(MCLK, LRCLK, and SCLK). Wait at least 100us, drive RESETZ=1, and wait at least another
13.5ms.
•
Ramp up PVDD to at least 8V while ensuring that it remains below 6V for at least 100us after
AVDD/DVDD reaches 3V. Then wait at least another 10us.
3.
Trim oscillator (write 0x00 to register 0x1B) and wait at least 50ms.
4.
Configure the DAP via I2C (see Users's Guide for typical values):
Ch4 source select (0x21)
Biquads (0x29-36 and 0x58-5F)
DRC parameters (0x3A-46)
Bank select (0x50)
Mixers and gains (0x51-57)
32
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): TAS5709 TAS5709A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com