Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5709APHPR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5709APHPR
Description  20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5709APHPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TAS5709APHPR Datasheet HTML 9Page - Texas Instruments TAS5709APHPR Datasheet HTML 10Page - Texas Instruments TAS5709APHPR Datasheet HTML 11Page - Texas Instruments TAS5709APHPR Datasheet HTML 12Page - Texas Instruments TAS5709APHPR Datasheet HTML 13Page - Texas Instruments TAS5709APHPR Datasheet HTML 14Page - Texas Instruments TAS5709APHPR Datasheet HTML 15Page - Texas Instruments TAS5709APHPR Datasheet HTML 16Page - Texas Instruments TAS5709APHPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 61 page
background image
RESET TIMING (RESET)
t
w(RESET)
RESET
t
d(I2C_ready)
SystemInitialization.
EnableviaI C.
2
T0421-01
I C Active
2
I C Active
2
TYPICAL CHARACTERISTICS, BTL CONFIGURATION
f − Frequency − Hz
20
PVDD = 18 V
RL = 8 Ω
100
1k
10k
20k
G001
P = 1 W
P = 5 W
0.001
0.01
10
0.1
1
f − Frequency − Hz
20
PVDD = 12 V
RL = 8 Ω
100
1k
10k
20k
G002
P = 2.5 W
0.001
0.01
10
0.1
1
P = 0.5 W
TAS5709, TAS5709A
www.ti.com ..................................................................................................................................... SLOS599A – NOVEMBER 2008 – REVISED SEPTEMBER 2009
Control signal parameters over recommended operating conditions (unless otherwise noted). See Recommended Use Model
section on usage of all terminals.
PARAMETER
MIN
TYP
MAX
UNIT
tw(RESET)
Pulse duration, RESET active
100
µs
td(I2C_ready)
Time to enable I2C
13.5
ms
NOTE: On power up, it is recommended that the TAS5709 RESET be held LOW for at least 100
µs after DVDD has reached
3 V
NOTE: If RESET is asserted LOW while PDN is LOW, then the RESET must continue to be held LOW for at least 100
µs
after PDN is deasserted (HIGH).
Figure 5. Reset Timing
TOTAL HARMONIC DISTORTION + NOISE
TOTAL HARMONIC DISTORTION + NOISE
vs
vs
FREQUENCY
FREQUENCY
Figure 6.
Figure 7.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TAS5709 TAS5709A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com