Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5709APHPR Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5709APHPR
Description  20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5709APHPR Datasheet(HTML) 49 Page - Texas Instruments

Back Button TAS5709APHPR Datasheet HTML 45Page - Texas Instruments TAS5709APHPR Datasheet HTML 46Page - Texas Instruments TAS5709APHPR Datasheet HTML 47Page - Texas Instruments TAS5709APHPR Datasheet HTML 48Page - Texas Instruments TAS5709APHPR Datasheet HTML 49Page - Texas Instruments TAS5709APHPR Datasheet HTML 50Page - Texas Instruments TAS5709APHPR Datasheet HTML 51Page - Texas Instruments TAS5709APHPR Datasheet HTML 52Page - Texas Instruments TAS5709APHPR Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 61 page
background image
CHANNEL 4 SOURCE SELECT REGISTER (0x21)
PWM OUTPUT MUX REGISTER (0x25)
TAS5709, TAS5709A
www.ti.com ..................................................................................................................................... SLOS599A – NOVEMBER 2008 – REVISED SEPTEMBER 2009
This register selects the channel 4 source.
Table 19. Subchannel Control Register (0x21)
D31
D30
D29
D28
D27
D26
D25
D24
FUNCTION
0
0
0
0
0
0
0
0
Reserved(1)
D23
D22
D21
D20
D19
D18
D17
D16
FUNCTION
0
0
0
0
0
0
0
0
Reserved (1)
D15
D14
D13
D12
D11
D10
D9
D8
FUNCTION
0
1
0
0
0
0
1
Reserved (1)
–
–
–
–
–
–
–
0
(L + R)/2
–
–
–
–
–
–
–
1
Left-channel post-BQ
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
0
0
0
0
0
1
1
Reserved (1)
(1)
Default values are in bold.
This DAP output mux selects which internal PWM channel is output to the external pins. Any channel can be
output to any external output pin.
Bits D21–D20:
Selects which PWM channel is output to OUT_A
Bits D17–D16:
Selects which PWM channel is output to OUT_B
Bits D13–D12:
Selects which PWM channel is output to OUT_C
Bits D09–D08:
Selects which PWM channel is output to OUT_D
Note that channels are encoded so that channel 1 = 0x00, channel 2 = 0x01, …, channel 4 = 0x03.
Table 20. PWM Output Mux Register (0x25)
D31
D30
D29
D28
D27
D26
D25
D24
FUNCTION
0
0
0
0
0
0
0
1
Reserved(1)
D23
D22
D21
D20
D19
D18
D17
D16
FUNCTION
0
0
–
–
–
–
–
–
Reserved(1)
–
–
0
0
–
–
–
–
Multiplex channel 1 to OUT_A (1)
–
–
0
1
–
–
–
–
Multiplex channel 2 to OUT_A
–
–
1
0
–
–
–
–
Multiplex channel 1 to OUT_A
–
–
1
1
–
–
–
–
Multiplex channel 2 to OUT_A
–
–
–
–
0
0
–
–
Reserved (1)
–
–
–
–
–
–
0
0
Multiplex channel 1 to OUT_B
–
–
–
–
–
–
0
1
Multiplex channel 2 to OUT_B
–
–
–
–
–
–
1
0
Multiplex channel 1 to OUT_B (1)
–
–
–
–
–
–
1
1
Multiplex channel 2 to OUT_B
D15
D14
D13
D12
D11
D10
D9
D8
FUNCTION
0
0
–
–
–
–
–
–
Reserved (1)
–
–
0
0
–
–
–
–
Multiplex channel 1 to OUT_C
–
–
0
1
–
–
–
–
Multiplex channel 2 to OUT_C(1)
–
–
1
0
–
–
–
–
Multiplex channel 1 to OUT_C
(1)
Default values are in bold.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Link(s): TAS5709 TAS5709A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com