Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5709APHPR Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5709APHPR
Description  20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5709APHPR Datasheet(HTML) 33 Page - Texas Instruments

Back Button TAS5709APHPR Datasheet HTML 29Page - Texas Instruments TAS5709APHPR Datasheet HTML 30Page - Texas Instruments TAS5709APHPR Datasheet HTML 31Page - Texas Instruments TAS5709APHPR Datasheet HTML 32Page - Texas Instruments TAS5709APHPR Datasheet HTML 33Page - Texas Instruments TAS5709APHPR Datasheet HTML 34Page - Texas Instruments TAS5709APHPR Datasheet HTML 35Page - Texas Instruments TAS5709APHPR Datasheet HTML 36Page - Texas Instruments TAS5709APHPR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 61 page
background image
TAS5709, TAS5709A
www.ti.com ..................................................................................................................................... SLOS599A – NOVEMBER 2008 – REVISED SEPTEMBER 2009
5.
Configure remaining registers
6.
Exit shutdown (sequence defined below).
Normal Operation
The following are the only events supported during normal operation:
(a) Writes to master/channel volume registers
(b) Writes to soft mute register
(c) Enter and exit shutdown (sequence defined below)
(d) Clock errors and rate changes
Note: Events (c) and (d) are not supported for 240ms+1.3*Tstart after trim following AVDD/DVDD powerup
ramp (where Tstart is specified by register 0x1A).
Shutdown Sequence
Enter:
1.
Ensure I2S clocks have been stable and valid for at least 50ms.
2.
Write 0x40 to register 0x05.
3.
Wait at least 1ms+1.3*Tstop (where Tstop is specified by register 0x1A).
4.
Once in shutdown, stable clocks are not required while device remains idle.
5.
If desired, reconfigure by ensuring that clocks have been stable and valid for at least 50ms before
returning to step 4 of initialization sequence.
Exit:
1.
Ensure I2S clocks have been stable and valid for at least 50ms.
2.
Write 0x00 to register 0x05 (exit shutdown command may not be serviced for as much as 240ms
after trim following AVDD/DVDD powerup ramp).
3.
Wait at least 1ms+1.3*Tstart (where Tstart is specified by register 0x1A).
4.
Proceed with normal operation.
Powerdown Sequence
Use the following sequence to powerdown the device and its supplies:
1.
If time permits, enter shutdown (sequence defined above); else, in case of sudden power loss,
assert PDNZ=0 and wait at least 2ms.
2.
Assert RESETZ=0.
3.
Drive digital inputs low and ramp down PVDD supply as follows:
•
Drive all digital inputs low after RESETZ has been low for at least 2us.
•
Ramp down PVDD while ensuring that it remains above 8V until RESETZ has been low for at
least 2us.
4.
Ramp down AVDD/DVDD while ensuring that it remains above 3V until PVDD is below 6V and
that it is never more than 2.5V below the digital inputs.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Link(s): TAS5709 TAS5709A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com