Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC080CD Datasheet(PDF) 17 Page - Texas Instruments

Part # TLC080CD
Description  FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC080CD Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLC080CD Datasheet HTML 13Page - Texas Instruments TLC080CD Datasheet HTML 14Page - Texas Instruments TLC080CD Datasheet HTML 15Page - Texas Instruments TLC080CD Datasheet HTML 16Page - Texas Instruments TLC080CD Datasheet HTML 17Page - Texas Instruments TLC080CD Datasheet HTML 18Page - Texas Instruments TLC080CD Datasheet HTML 19Page - Texas Instruments TLC080CD Datasheet HTML 20Page - Texas Instruments TLC080CD Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 53 page
background image
_
+
600 Ω
22 pF
50 Ω
10 kΩ
10 pF
IN
With
CF = 10 pF
VDD = ±5 V
AV = +1
RF = 10 kΩ
RL = 600 Ω
CL = 22 pF
0
0.5
1
1.5
1
0
1
2
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6
t - Time - ms
VIN
VOUT
0.5
TLC080 , TLC081, TLC082
TLC083, TLC084, TLC085, TLC08xA
www.ti.com
SLOS254F
– JUNE 1999 – REVISED DECEMBER 2011
High Speed CMOS Input Amplifiers
The TLC08x is a family of high-speed low-noise CMOS input operational amplifiers that has an input capacitance
of the order of 20 pF. Any resistor used in the feedback path adds a pole in the transfer function equivalent to the
input capacitance multiplied by the combination of source resistance and feedback resistance. For example, a
gain of
–10, a source resistance of 1 kΩ, and a feedback resistance of 10 kΩ add an additional pole at
approximately 8 MHz. This is more apparent with CMOS amplifiers than bipolar amplifiers due to their greater
input capacitance.
This is of little consequence on slower CMOS amplifiers, as this pole normally occurs at frequencies above their
unity-gain bandwidth. However, the TLC08x with its 10-MHz bandwidth means that this pole normally occurs at
frequencies where there is on the order of 5dB gain left and the phase shift adds considerably.
The effect of this pole is the strongest with large feedback resistances at small closed loop gains. As the
feedback resistance is increased, the gain peaking increases at a lower frequency and the 180
° phase shift
crossover point also moves down in frequency, decreasing the phase margin.
For the TLC08x, the maximum feedback resistor recommended is 5 k
Ω; larger resistances can be used but a
capacitor in parallel with the feedback resistor is recommended to counter the effects of the input capacitance
pole.
The TLC083 with a 1-V step response has an 80% overshoot with a natural frequency of 3.5 MHz when
configured as a unity gain buffer and with a 10-k
Ω feedback resistor. By adding a 10-pF capacitor in parallel with
the feedback resistor, the overshoot is reduced to 40% and eliminates the natural frequency, resulting in a much
faster settling time (see Figure 49). The 10-pF capacitor was chosen for convenience only.
Load capacitance had little effect on these measurements due to the excellent output drive capability of the
TLC08x.
Figure 49. 1-V Step Response
Copyright
© 1999–2011, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): TLC080 TLC081 TLC082 TLC083 TLC084 TLC085 TLC08xA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com