Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC080CD Datasheet(PDF) 23 Page - Texas Instruments

Part # TLC080CD
Description  FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC080CD Datasheet(HTML) 23 Page - Texas Instruments

Back Button TLC080CD Datasheet HTML 19Page - Texas Instruments TLC080CD Datasheet HTML 20Page - Texas Instruments TLC080CD Datasheet HTML 21Page - Texas Instruments TLC080CD Datasheet HTML 22Page - Texas Instruments TLC080CD Datasheet HTML 23Page - Texas Instruments TLC080CD Datasheet HTML 24Page - Texas Instruments TLC080CD Datasheet HTML 25Page - Texas Instruments TLC080CD Datasheet HTML 26Page - Texas Instruments TLC080CD Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 53 page
background image
TLC080 , TLC081, TLC082
TLC083, TLC084, TLC085, TLC08xA
www.ti.com
SLOS254F
– JUNE 1999 – REVISED DECEMBER 2011
Macromodel Information
Macromodel information provided was derived using Microsim Parts
™, the model generation software used with
Microsim PSpice
™. The Boyle macromodel (see (1)) and subcircuit in Figure 54 are generated using the TLC08x
typical electrical and operating characteristics at TA = 25°C. Using this information, output simulations of the
following key parameters can be generated to a tolerance of 20% (in most cases):
•
Maximum positive output voltage swing
•
Maximum negative output voltage swing
•
Slew rate
•
Quiescent power dissipation
•
Input bias current
•
Open-loop voltage amplification
•
Unity-gain frequency
•
Common-mode rejection ratio
•
Phase margin
•
DC output resistance
•
AC output resistance
•
Short-circuit output current limit
(1)
G. R. Boyle, B. M. Cohn, D. O. Pederson, and J. E. Solomon,
“Macromodeling of Integrated Circuit Operational Amplifiers,” IEEE
Journal of Solid-State Circuits, SC-9, 353 (1974).
Copyright
© 1999–2011, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): TLC080 TLC081 TLC082 TLC083 TLC084 TLC085 TLC08xA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com