Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC080CD Datasheet(PDF) 9 Page - Texas Instruments

Part # TLC080CD
Description  FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC080CD Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLC080CD Datasheet HTML 5Page - Texas Instruments TLC080CD Datasheet HTML 6Page - Texas Instruments TLC080CD Datasheet HTML 7Page - Texas Instruments TLC080CD Datasheet HTML 8Page - Texas Instruments TLC080CD Datasheet HTML 9Page - Texas Instruments TLC080CD Datasheet HTML 10Page - Texas Instruments TLC080CD Datasheet HTML 11Page - Texas Instruments TLC080CD Datasheet HTML 12Page - Texas Instruments TLC080CD Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
TLC080 , TLC081, TLC082
TLC083, TLC084, TLC085, TLC08xA
www.ti.com
SLOS254F
– JUNE 1999 – REVISED DECEMBER 2011
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
VIO
Input offset voltage
vs Common-mode input voltage
1, 2
IIO
Input offset current
vs Free-air temperature
3, 4
IIB
Input bias current
vs Free-air temperature
3, 4
VOH
High-level output voltage
vs High-level output current
5, 7
VOL
Low-level output voltage
vs Low-level output current
6, 8
Zo
Output impedance
vs Frequency
9
IDD
Supply current
vs Supply voltage
10
PSRR
Power supply rejection ratio
vs Frequency
11
CMRR
Common-mode rejection ratio
vs Frequency
12
Vn
Equivalent input noise voltage
vs Frequency
13
VO(PP)
Peak-to-peak output voltage
vs Frequency
14, 15
Crosstalk
vs Frequency
16
Differential voltage gain
vs Frequency
17, 18
Phase
vs Frequency
17, 18
φm
Phase margin
vs Load capacitance
19, 20
Gain margin
vs Load capacitance
21, 22
Gain-bandwidth product
vs Supply voltage
23
vs Supply voltage
24
SR
Slew rate
vs Free-air temperature
25, 26
vs Frequency
27, 28
THD + N
Total harmonic distortion plus noise
vs Peak-to-peak output voltage
29, 30
Large-signal follower pulse response
31, 32
Small-signal follower pulse response
33
Large-signal inverting pulse response
34, 35
Small-signal inverting pulse response
36
Shutdown forward isolation
vs Frequency
37, 38
Shutdown reverse isolation
vs Frequency
39, 40
vs Supply voltage
41
Shutdown supply current
vs Free-air temperature
42
Shutdown pulse
43, 44
Copyright
© 1999–2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TLC080 TLC081 TLC082 TLC083 TLC084 TLC085 TLC08xA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com