Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC080CD Datasheet(PDF) 13 Page - Texas Instruments

Part # TLC080CD
Description  FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC080CD Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLC080CD Datasheet HTML 9Page - Texas Instruments TLC080CD Datasheet HTML 10Page - Texas Instruments TLC080CD Datasheet HTML 11Page - Texas Instruments TLC080CD Datasheet HTML 12Page - Texas Instruments TLC080CD Datasheet HTML 13Page - Texas Instruments TLC080CD Datasheet HTML 14Page - Texas Instruments TLC080CD Datasheet HTML 15Page - Texas Instruments TLC080CD Datasheet HTML 16Page - Texas Instruments TLC080CD Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 53 page
background image
0
5
10
15
20
25
-55
-35 -15
5
25
4
5
6
5
8
5
105 125
TA – Free-Air Temperature –°C
VDD = 5 V
RL= 600 Ω and 10 kΩ
CL = 50 pF
AV = 1
Slew Rate +
Slew Rate
0
5
10
15
20
25
-55
-35 -15
5
25
4
5
6
5
8
5
105 125
TA – Free-Air Temperature – °C
VDD = 12 V
RL= 600 Ω and 10 kΩ
CL = 50 pF
AV = 1
Slew Rate +
Slew Rate –
0.001
100
1k
0.01
0.1
10k
100k
f – Frequency– Hz
AV = 100
AV = 10
AV = 1
1
VDD = 5 V
VO(PP) = 2 V
RL = 10 kΩ
0.001
100
1k
0.01
0.1
10k
100k
f – Frequency – Hz
AV = 100
VDD = 12 V
VO(PP) = 8 V
RL = 10 kΩ
AV = 10
AV = 1
0.0001
0.25
0.75
0.01
0.1
1.25
1.75
VO(PP) – Peak-to-Peak Output Voltage – V
2.25
2.75
3.25
3.75
0.001
1
10
VDD = 5 V
AV = 1
f = 1 kHz
RL = 250 Ω
RL = 600 Ω
RL = 10 kΩ
0.0001
0.5
2.5
0.01
0.1
4.5
6.5
VO(PP) – Peak-to-Peak Output Voltage – V
8.5
10.5
0.001
1
10
VDD = 12 V
AV = 1
f = 1 kHz
RL = 250 Ω
RL = 600 Ω
RL = 10 kΩ
t – Time – ms
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
2
VI (1 V/Div)
VO (500 mV/Div)
VDD = 5 V
RL = 600 Ω
and 10 kΩ
CL = 8 pF
TA = 25°C
t – Time – ms
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
2
VI (5 V/Div)
VO (2 V/Div)
VDD = 12 V
RL = 600 Ω
and 10 kΩ
CL = 8 pF
TA = 25°C
0
0.1
0
.3 0.4
t – Time – ms
0
.
2
0.
5 0.6 0.7 0.8 0.9 0.10
VO(50mV/Div)
VI(100mV/Div)
VDD = 5 V and 12 V
RL = 600Ω and 10 kΩ
CL = 8 pF
TA = 25°C
.
0
TLC080 , TLC081, TLC082
TLC083, TLC084, TLC085, TLC08xA
www.ti.com
SLOS254F
– JUNE 1999 – REVISED DECEMBER 2011
TYPICAL CHARACTERISTICS
TOTAL HARMONIC DISTORTION
SLEW RATE
SLEW RATE
PLUS NOISE
vs
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
FREQUENCY
Figure 25.
Figure 26.
Figure 27.
TOTAL HARMONIC DISTORTION
TOTAL HARMONIC DISTORTION
TOTAL HARMONIC DISTORTION
PLUS NOISE
PLUS NOISE
PLUS NOISE
vs
vs
vs
FREQUENCY
PEAK-TO-PEAK OUTPUT VOLTAGE
PEAK-TO-PEAK OUTPUT VOLTAGE
Figure 28.
Figure 29.
Figure 30.
LARGE SIGNAL FOLLOWER
LARGE SIGNAL FOLLOWER
SMALL SIGNAL FOLLOWER
PULSE RESPONSE
PULSE RESPONSE
PULSE RESPONSE
Figure 31.
Figure 32.
Figure 33.
Copyright
© 1999–2011, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TLC080 TLC081 TLC082 TLC083 TLC084 TLC085 TLC08xA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com