Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL6 Datasheet(PDF) 2 Page - Supertex, Inc

Part # CL6
Description  Linear, Fixed, 100mA Constant Current LED Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

CL6 Datasheet(HTML) 2 Page - Supertex, Inc

  CL6_13 Datasheet HTML 1Page - Supertex, Inc CL6_13 Datasheet HTML 2Page - Supertex, Inc CL6_13 Datasheet HTML 3Page - Supertex, Inc CL6_13 Datasheet HTML 4Page - Supertex, Inc CL6_13 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
CL6
Supertex inc.
www.supertex.com
Doc.# DSFP-CL6
A053113
Absolute Maximum Ratings
Parameter
Value
Supply voltage, V
DD
-25V to +100V
Output voltage, V
OUT
-25V to +100V
Operating junction temperature*
-40°C
Storage temperature
-65°C to +150°C
Sym
Parameter
Min
Typ
Max Units Conditions
Thermal Characteristics
Guaranteed by design – not production tested
Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation under these conditions is not implied. Continuous operation
of the device at the absolute rating level may affect device reliability. All voltages are
referenced to device ground.
*
Maximum junction temperature internally limited.
Pin Configurations
I
OUT vs Temperature
Pin
Name
Description
VDD
VDD
Supply voltage for the CL6
OUT
Output
Connect the LED between this pin
and the supply voltage
GND
Ground Circuit common
θ
JA
Thermal resistance,
junction to ambient
D-PAK
-
81
-
O
C/W
Soldered to 2cm2 exposed copper area
TO-220
-
29
-
---
T
LIM
Overtemperature limit
120
135
150
O
C
---
T
HYS
Overtemperature hysteresis
-
30
-
O
C
---
Pin Designation
-50
-25
0
25
50
75
100
125
Temperature (OC)
1.05
1.00
0.95
0.90
0.85
Product Marking
YY = Year Sealed
WW = Week Sealed
L = Lot Number
= “Green” Packaging
Si YYWW
CL6
LLLLLLL
L = Lot Number
YY = Year Sealed
WW = Week Sealed
= “Green” Packaging
Top Marking
CL6N5
LLLLLLLLL
YYWW
3-Lead TO-252 (D-PAK)
3-Lead TO-220
TO-252 (D-PAK)
TO-220
VDD
VOUT
GND
GND
VDD
VOUT
GND
Package may or may not include the following marks: Si or
Package may or may not include the following marks: Si or
Ordering Information
Part Number
Package Option
Packing
CL6K4-G
TO-252 (D-PAK)
2000/Reel
CL6N5-G
3-Lead TO-220
50/Tube
-G denotes a lead (Pb)-free / RoHS compliant package



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com