Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL6 Datasheet(PDF) 5 Page - Supertex, Inc

Part # CL6
Description  Linear, Fixed, 100mA Constant Current LED Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

CL6 Datasheet(HTML) 5 Page - Supertex, Inc

  CL6_13 Datasheet HTML 1Page - Supertex, Inc CL6_13 Datasheet HTML 2Page - Supertex, Inc CL6_13 Datasheet HTML 3Page - Supertex, Inc CL6_13 Datasheet HTML 4Page - Supertex, Inc CL6_13 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Supertex inc.
does not recommend the use of its products in life support applications, and will not knowingly sell them for use in such applications unless it receives
an adequate “product liability indemnification insurance agreement.” Supertex inc. does not assume responsibility for use of devices described, and limits its liability
to the replacement of the devices determined defective due to workmanship. No responsibility is assumed for possible omissions and inaccuracies. Circuitry and
specifications are subject to change without notice. For the latest product specifications refer to the Supertex inc. (website: http//www.supertex.com)
©2013 Supertex inc. All rights reserved. Unauthorized use or reproduction is prohibited.
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
5
CL6
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline
information go to http://www.supertex.com/packaging.html.)
Doc.# DSFP-CL6
A053113
3-Lead TO-220 Package Outline (N5)
Symbol
A
A1
A2
b
b2
c
D
D1
D2
E
E1
E2
e
H1
L
L1
Q
ΦP
Dimen-
sion
(inches)
MIN
.140 .020 .080 .015 .045 .012† .560 .326† .474† .380 .270 0.20*
.100
BSC
.230 .500 .200* .100 .139
NOM
-
-
-
.027 .057
-
-
-
-
-
-
-
-
-
-
-
-
MAX .190 .055 .120† .040 .070 .024 .650 .361† .507 .420 .350
.030
.270 .580
.250
.135 .161
JEDEC Registration TO-220, Variation AB, Issue K, April 2002.
* This dimension is not specified in the JEDEC drawing.
† This dimension differs from the JEDEC drawing.
Drawings not to scale.
Supertex Doc. #: DSPD-3TO220N5, Version C041009.
L
e
View
B
3
D
D1
Q
4
E2
E
ΦP
L1
b
b2
1
2
3
E1
View B
Front View
View A - A
H1
E
D1
12
Thermal
Pad
A2
A
Seating
Plane
A1
A
A
Chamfer
Optional
c
Side View
H1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com