Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL6 Datasheet(PDF) 4 Page - Supertex, Inc

Part # CL6
Description  Linear, Fixed, 100mA Constant Current LED Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

CL6 Datasheet(HTML) 4 Page - Supertex, Inc

  CL6_13 Datasheet HTML 1Page - Supertex, Inc CL6_13 Datasheet HTML 2Page - Supertex, Inc CL6_13 Datasheet HTML 3Page - Supertex, Inc CL6_13 Datasheet HTML 4Page - Supertex, Inc CL6_13 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
CL6
Supertex inc.
www.supertex.com
Doc.# DSFP-CL6
A053113
3-Lead TO-252 (D-PAK) Package Outline (K4)
Note:
1.
Although 4 terminal locations are shown, only 3 are functional. Lead number 2 was removed.
1
2
3
4
L4
L5
b
b2
e
D1
E1
L1
L
Seating
Plane
A1
Gauge
Plane
θ
D
E
View B
Front View
Side View
Rear View
View B
θ1
H
c2
A
L3
L2
b3
Note 1
Symbol
A
A1
b
b2
b3
c2
D
D1
E
E1
e
H
L
L1
L2
L3
L4
L5
θ
θ1
Dimen-
sion
(inches)
MIN
.086
.000*
.025
.030
.195
.018
.235
.205
.250
.170
.090
BSC
.370
.055
.108
REF
.020
BSC
.035
.025*
.035†
0O
0O
NOM
-
-
-
-
-
-
.240
-
-
-
-
.060
-
-
-
-
-
MAX
.094
.005
.035
.045
.215
.035
.245
.217*
.265
.200*
.410
.070
.050
.040
.060
10O
15O
JEDEC Registration TO-252, Variation AA, Issue E, June 2004.
* This dimension is not specified in the JEDEC drawing.
† This dimension differs from the JEDEC drawing.
Drawings not to scale.
Supertex Doc. #: DSPD-3TO252K4, Version F040910.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com