Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL6 Datasheet(PDF) 3 Page - Supertex, Inc

Part # CL6
Description  Linear, Fixed, 100mA Constant Current LED Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

CL6 Datasheet(HTML) 3 Page - Supertex, Inc

  CL6_13 Datasheet HTML 1Page - Supertex, Inc CL6_13 Datasheet HTML 2Page - Supertex, Inc CL6_13 Datasheet HTML 3Page - Supertex, Inc CL6_13 Datasheet HTML 4Page - Supertex, Inc CL6_13 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
CL6
Supertex inc.
www.supertex.com
Doc.# DSFP-CL6
A053113
Sym
Parameter
Min
Typ
Max
Units Conditions
Recommended Operating Conditions
(all voltages with respect to GND pin)
V
DD
Supply voltage
Normal
Extended
6.5
6.5
-
28
90
V
---
V
OUT
Voltage at OUT pin1
Normal
Extended
4.0
4.0
-
28
90
V
---
T
j
Junction temperature2
-40
-
119
o
C
---
Sym
Parameter
Min
Typ
Max
Units Conditions
Electrical Characteristics
(Over normal recommended operating conditions unless otherwise specified. All voltages with respect to GND pin. Production tested @ 25OC.)
I
DD
Current into V
DD pin
3.0
5.0
10
mA
--
I
OUT
Current into OUT pin(3)
95
90
50
100
100
-
105
110
120
mA
Normal conditions, 25°C
Normal conditions, full temp(4)
Extended conditions
I
OUT(OFF)
Current into OUT pin with V
DD pin open
-
-
10
µA
V
DD = open
V
OFF
Voltage at V
DD to shut off LED current
-
-
1.0
V
I
OUT < 10µA
t
ON
V
DD applied on delay
-
-
100
µs
---
t
OFF
V
DD removed off delay
-
-
100
µs
---
Note:
1. Continuous operation at high V
OUT voltages may result in activation of overtemperature protection. Use appropriate heatsinking.
2. Maximum junction temperature internally limited.
Application Circuits
Low Current On/Off Control
2-Terminal Operation
Control
V
IN
OUT
GND
VDD
100mA
Low
current
switch
CL6
V
IN
OUT
GND
VDD
107.5mA
Minimum V
IN is increased by LED drop.
I
LED is increased by IDD.
CL6
Control
Note:
3. Thermal considerations may limit current to lower values. Use appropriate heat sinking.
4. Guaranteed by design – not production tested.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com