Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8739LEDS Datasheet(PDF) 5 Page - Wolfson Microelectronics plc

Part # WM8739LEDS
Description  STEREO AUDIO ADC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8739LEDS Datasheet(HTML) 5 Page - Wolfson Microelectronics plc

  WM8739LEDS Datasheet HTML 1Page - Wolfson Microelectronics plc WM8739LEDS Datasheet HTML 2Page - Wolfson Microelectronics plc WM8739LEDS Datasheet HTML 3Page - Wolfson Microelectronics plc WM8739LEDS Datasheet HTML 4Page - Wolfson Microelectronics plc WM8739LEDS Datasheet HTML 5Page - Wolfson Microelectronics plc WM8739LEDS Datasheet HTML 6Page - Wolfson Microelectronics plc WM8739LEDS Datasheet HTML 7Page - Wolfson Microelectronics plc WM8739LEDS Datasheet HTML 8Page - Wolfson Microelectronics plc WM8739LEDS Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
WM8739 / WM8739L
Advanced Information
AI Rev 2.2 September 2001
5
ELECTRICAL CHARACTERISTICS
Test Conditions
AVDD, DBVDD = 3.3V, AGND = 0V, DCVDD = 3.3V, DGND = 0V, TA = +25
oC, Slave Mode, fs = 48kHz, XTI/MCLK = 256fs
unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital Logic Levels (CMOS Levels)
Input LOW level
VIL
0.3 x VDD
V
Input HIGH level
VIH
0.7 x VDD
V
Output LOW
VOL
0.1 x VDD
V
Output HIGH
VOH
0.9 x VDD
V
Analogue Reference Levels
Reference voltage
VVMID
AVDD/2
V
Potential divider resistance
RVMID
50K
Ohms
Input to ADC
AVDD = 3.3V
1.0
0
Vrms
dB
Input Signal Level (0dB)
VINLINE
AVDD = 1.8V
(WM8739 only)
0.316
-10
0.545
-5.27
Vrms
dBV
A-weighted, 0dB gain
85
90
dB
A-weighted, 0dB gain
@ fs = 96kHz
90
dB
A-weighted, 0dB gain,
AVDD = 2.7V
88
dB
Signal to Noise Ratio (Note 1,2)
SNR
A-weighted, 0dB gain,
AVDD = 1.8V
(WM8739L only)
76
dB
Dynamic Range (Note 2)
DNR
A-weighted, -60dBV
85
90
dB
-1dBV input, 0dB gain
-84
0.006
-74
0.02
dB
%
Total Harmonic Distortion
THD
-10dBV, 0dB gain
-74
0.02
dB
%
ADC channel separation
1kHz input
90
dB
Programmable Gain
1kHz input
Rsource < 50 Ohms
-34.5
0
+12
dB
Programmable Gain Step Size
1.5
dB
Mute attenuation
0dB, 1kHz input
80
dB
0dB gain
20k
30k
Ohms
Input Resistance
RINLINE
12dB gain
10k
15k
Ohms
Input Capacitance
CINLINE
10
pF
Notes
1.
Ratio of output level with 1kHz full scale input, to the output level with all zero’s into the digital input over a 20Hz to
20kHz bandwidth using an Audio analyser.
2.
All performance measurements done with 20kHz low pass filter, and where noted an A-weight filter. Failure to use such
a filter will result in higher THD+N and lower SNR and Dynamic Range readings than are found in the Electrical
Characteristics. The low pass filter removes out of band noise; although it is not audible it may affect dynamic
specification values.
3.
VMID decoupled with 10uF and 0.1uF capacitors (smaller values may result in reduced performance).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com