Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8739LEDS Datasheet(PDF) 20 Page - Wolfson Microelectronics plc

Part # WM8739LEDS
Description  STEREO AUDIO ADC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8739LEDS Datasheet(HTML) 20 Page - Wolfson Microelectronics plc

Back Button WM8739LEDS Datasheet HTML 16Page - Wolfson Microelectronics plc WM8739LEDS Datasheet HTML 17Page - Wolfson Microelectronics plc WM8739LEDS Datasheet HTML 18Page - Wolfson Microelectronics plc WM8739LEDS Datasheet HTML 19Page - Wolfson Microelectronics plc WM8739LEDS Datasheet HTML 20Page - Wolfson Microelectronics plc WM8739LEDS Datasheet HTML 21Page - Wolfson Microelectronics plc WM8739LEDS Datasheet HTML 22Page - Wolfson Microelectronics plc WM8739LEDS Datasheet HTML 23Page - Wolfson Microelectronics plc WM8739LEDS Datasheet HTML 24Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
WM8739 / WM8739L
Advanced Information
AI Rev 2.2 September 2001
20
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0USB/
NORMAL
0
Mode Select
1 = USB mode (250/272fs)
0 = Normal mode (256/384fs)
1
BOSR
0
Base Over-Sampling Rate
USB Mode
0 = 250fs
1 = 272fs
Normal Mode
0 = 256fs
1 = 384fs
0001000
Sampling
Control
5:2
SR[3:0]
0000
ADC sample rate control;
See USB Mode and Normal Mode
Sample Rate sections for operation
Table 7 Sample Rate Control
NORMAL MODE SAMPLE RATES
In normal mode MCLK/crystal oscillator is set up according to the desired sample rate of the ADC.
For ADC sampling rates of 8, 32, 48 or 96KHz, MCLK frequencies of either 12.288MHz (256fs) or
18.432MHz (384fs) can be used. For ADC sampling rates of 8, 44.1 or 88.2KHz from MCLK
frequencies of either 11.2896MHz (256fs) or 16.9344MHz (384fs) can be used.
The table below should be used to set up the device to work with the various sample rate
combinations. For example if the user wishes to use the WM8739 in normal mode with the ADC
sample rate at 48KHz, then the device should be programmed with BOSR = 0, SR3 = 0, SR2 = 0,
SR1 = 0 and SR0 = 0 with a 12.288MHz MCLK or with BOSR = 1, SR3 = 0, SR2 = 0, SR1 = 0 and
SR0 = 0 with a 18.432MHz MCLK. The ADC will then operate with a Digital Filter of type 1, refer to
Digital Filter Characteristics section for an explanation of the different filter types.
SAMPLING
RATE
MCLK
FREQUENCY
SAMPLE
RATE
REGISTER SETTINGS
DIGITAL
FILTER
TYPE
kHz
MHz
BOSR
SR3
SR2
SR1
SR0
12.288
0
0
0
0
0
48
18.432
1
0
0
0
0
1
12.288
0
0
0
1
0
8
18.432
1
0
0
1
0
1
12.288
0
0
1
1
0
32
18.432
1
0
1
1
0
1
12.288
0
0
1
1
1
96
18.432
1
0
1
1
1
2
11.2896
0
1
0
0
0
44.1
16.9344
1
1
0
0
0
1
11.2896
0
1
0
1
0
8 (Note 1)
16.9344
1
1
0
1
0
1
11.2896
0
1
1
1
1
88.2
16.9344
1
1
1
1
1
2
Table 8 Normal Mode Sample Rate Look-up Table
Notes:
1.
8k not exact, actual = 8.018kHz
2.
All other combinations of BOSR and SR[3:0] that are not in the truth table are invalid
The BOSR bit represents the base over-sampling rate. This is the rate that the WM8739 digital signal
processing is carried out at. In Normal mode, with BOSR = 0, the base over-sampling rate is at
256fs, with BOSR = 1, the base over-sampling rate is at 384fs. This can be used to determine the
actual audio data rate produced by the ADC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com