Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8739LEDS Datasheet(PDF) 27 Page - Wolfson Microelectronics plc

Part # WM8739LEDS
Description  STEREO AUDIO ADC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8739LEDS Datasheet(HTML) 27 Page - Wolfson Microelectronics plc

Back Button WM8739LEDS Datasheet HTML 23Page - Wolfson Microelectronics plc WM8739LEDS Datasheet HTML 24Page - Wolfson Microelectronics plc WM8739LEDS Datasheet HTML 25Page - Wolfson Microelectronics plc WM8739LEDS Datasheet HTML 26Page - Wolfson Microelectronics plc WM8739LEDS Datasheet HTML 27Page - Wolfson Microelectronics plc WM8739LEDS Datasheet HTML 28Page - Wolfson Microelectronics plc WM8739LEDS Datasheet HTML 29Page - Wolfson Microelectronics plc WM8739LEDS Datasheet HTML 30Page - Wolfson Microelectronics plc WM8739LEDS Datasheet HTML 31Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
WM8739 / WM8739L
Advanced Information
AI Rev 2.2 September 2001
27
REGISTER MAP
The complete register map is shown in Table 20. The detailed description can be found in the
relevant text of the device description. There are 8 registers with 9 bits per register. These can be
controlled using either the 2 wire or 3 wire MPU interface.
REGISTER
B
15
B
14
B
13
B
12
B
11
B
10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
R0 (00h)
0
0
0
0
0
0
0
LRIN
BOTH
LIN
MUTE
00
LINVOL
R1 (02h)
0
0
0
0
0
0
1
RLIN
BOTH
RIN
MUTE
0
0
RINVOL
R5 (0Ah)
0
0
0
0
1
0
1
0000
HPOR
0
0
0
ADC
HPD
R6 (0Ch)
0
0
0
0
1
1
0
0
PWR
OFF
1
OSCPD
1
1
ADCPD
1
LINEIN
PD
R7 (0Eh)
0
0
0
0
1
1
1
0
0
MS
0
LRP
IWL
FORMAT
R8 (10h)
0
0
0
1
0
0
0
00
CLKI
DIV2
SR
BOSR
USB/
NORM
R9 (12h)
0
0
0
1
0
0
1
00000000
ACTIVE
R15(1Eh)
0
0
0
1
1
1
1
RESET
ADDRESS
DATA
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
4:0
LINVOL[0:4]
10111
( 0dB )
Left Channel Line Input Volume Control
11111 = +12dB . . 1.5dB steps down to
00000 = -34.5dB
7
LINMUTE
1
Left Channel Line Input Mute
1 = Enable Mute
0 = Disable Mute
0000000
Left Line In
8
LRINBOTH
0
Left to Right Channel Line Input Volume
and Mute Data Load Control
1 = Enable Simultaneous Load of
LINVOL[0:4] and LINMUTE to
RINVOL[0:4] and RINMUTE
0 = Disable Simultaneous Load
4:0
RINVOL[0:4]
10111
( 0dB )
Right Channel Line Input Volume
Control
11111 = +12dB . .1.5dB steps down to
00000 = -34.5dB
7
RINMUTE
1
Left Channel Line Input Mute
1 = Enable Mute
0 = Disable Mute
0000001
Right Line In
8
RLINBOTH
0
Right to Left Channel Line Input Volume
and Mute Data Load Control
1 = Enable Simultaneous Load of
RINVOL[0:4] and RINMUTE to
LINVOL[0:4] and LINMUTE
0 = Disable Simultaneous Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com