Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8739LEDS Datasheet(PDF) 22 Page - Wolfson Microelectronics plc

Part # WM8739LEDS
Description  STEREO AUDIO ADC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8739LEDS Datasheet(HTML) 22 Page - Wolfson Microelectronics plc

Back Button WM8739LEDS Datasheet HTML 18Page - Wolfson Microelectronics plc WM8739LEDS Datasheet HTML 19Page - Wolfson Microelectronics plc WM8739LEDS Datasheet HTML 20Page - Wolfson Microelectronics plc WM8739LEDS Datasheet HTML 21Page - Wolfson Microelectronics plc WM8739LEDS Datasheet HTML 22Page - Wolfson Microelectronics plc WM8739LEDS Datasheet HTML 23Page - Wolfson Microelectronics plc WM8739LEDS Datasheet HTML 24Page - Wolfson Microelectronics plc WM8739LEDS Datasheet HTML 25Page - Wolfson Microelectronics plc WM8739LEDS Datasheet HTML 26Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
WM8739 / WM8739L
Advanced Information
AI Rev 2.2 September 2001
22
USB MODE SAMPLE RATES
In USB mode the MCLK/crystal oscillator input is 12MHz only.
SAMPLING
RATE
MCLK
FREQUENCY
SAMPLE
RATE
REGISTER SETTINGS
DIGITAL
FILTER
TYPE
kHz
MHz
BOSR
SR3
SR2
SR1
SR0
48
12.000
0
0
0
0
0
0
44.1 (Note 2)
12.000
1
1
0
0
0
1
8
12.000
0
0
0
1
0
0
8 (Note 1)
12.000
1
1
0
1
0
1
32
12.000
0
0
1
1
0
0
96
12.000
0
0
1
1
1
3
88.2 (Note 3)
12.000
1
1
1
1
1
2
Table 11 USB Mode Sample Rate Look-up Table
Notes:
1.
8k not exact, actual = 8.021kHz
2.
44.1k not exact, actual = 44.118kHz
3.
88.2k not exact, actual = 88.235kHz
4.
All other combinations of BOSR and SR[3:0] that are not in the truth table are invalid
The table above can be used to set up the device to work with various sample rate combinations. For
example if the user wishes to use the WM8739 in USB mode with the ADC sample rate at 48kHz,
then the device should be programmed with BOSR = 0, SR3 = 0, SR2 = 0, SR1 = 0 and SR0 = 0.
The ADC will then operate with a Digital Filter of type 0, refer to Digital Filter Characteristics section
for an explanation of the different filter types.
The BOSR bit represents the base over-sampling rate. This is the rate that the WM8739 digital signal
processing is carried out at and the sampling rate will always be a sub-multiple of this. In USB mode,
with BOSR = 0, the base over-sampling rate is defined at 250fs, with BOSR = 1, the base over-
sampling rate is defined at 272fs. This can be used to determine the actual audio sampling rate
produced by the ADC.
Example scenarios are:
1.
with a requirement that the ADC data sampling rate is 8KHz the device is programmed with
BOSR = 0 (250fs), SR3 = 0, SR2 = 0, SR1 = 1, SR0 = 0.The ADC will then be exactly 8kHz
(derived from 12MHz/250 x 1/6).
2.
with a requirement that ADC data rate is 8KHz the device is programmed with BOSR = 1
(272fs), SR3 = 0, SR2 = 0, SR1 = 1, SR0 = 0. The ADC will not output data at exactly 8kHz,
instead it will be 8.021kHz (derived from 12MHz/272 x 2/11). A slight (sub 0.5%) pitch shift will
therefore result in the 8kHz audio data and (more importantly) the user must ensure that the
data across the digital interface is correctly synchronised at the 8.021kHz rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com