Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3907TLX-JSXS/NOPB Datasheet(PDF) 44 Page - Texas Instruments

Part # LP3907TLX-JSXS/NOPB
Description  Dual High-Current Step-Down DC-DC and Dual Linear Regulator
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3907TLX-JSXS/NOPB Datasheet(HTML) 44 Page - Texas Instruments

Back Button LP3907TLX-JSXS/NOPB Datasheet HTML 40Page - Texas Instruments LP3907TLX-JSXS/NOPB Datasheet HTML 41Page - Texas Instruments LP3907TLX-JSXS/NOPB Datasheet HTML 42Page - Texas Instruments LP3907TLX-JSXS/NOPB Datasheet HTML 43Page - Texas Instruments LP3907TLX-JSXS/NOPB Datasheet HTML 44Page - Texas Instruments LP3907TLX-JSXS/NOPB Datasheet HTML 45Page - Texas Instruments LP3907TLX-JSXS/NOPB Datasheet HTML 46Page - Texas Instruments LP3907TLX-JSXS/NOPB Datasheet HTML 47Page - Texas Instruments LP3907TLX-JSXS/NOPB Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 58 page
background image
Vpp-rms =
Vpp-c
2 + V
pp-esr
2
Iripple
4 x f x C
Vpp-c =
44
LP3907
SNVS511S – JUNE 2007 – REVISED APRIL 2016
www.ti.com
Product Folder Links: LP3907
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
9.2.2.2.5
Output Capacitor Selection for SW1, SW2
A 10-
μF, 6.3-V ceramic capacitor must be used on the output of the SW1 and SW2 magnetic DC-DC converters.
The output capacitor must be mounted as close to the output of the device as possible. A large value may be
used for improved input voltage filtering. The recommended capacitor types are X7R or X5R. Y5V type
capacitors should not be used. DC bias characteristics of ceramic capacitors must be considered when selecting
case sizes like 0805 and 0603. DC bias characteristics vary from manufacturer to manufacturer, and DC bias
curves should be requested from them and analyzed as part of the capacitor selection process.
The output filter capacitor of the magnetic DC-DC converter smooths out current flow from the inductor to the
load, helps maintain a steady output voltage during transient load changes and reduces output voltage ripple.
These capacitors must be selected with sufficient capacitance and sufficiently low ESD to perform these
functions.
The output voltage ripple is caused by the charging and discharging of the output capacitor and also due to its
ESR and can be calculated as follows:
(9)
Voltage peak-to-peak ripple due to ESR can be expressed as follows:
VPP–ESR = 2 × IRIPPLE × RESR
(10)
Because the VPP-C and VPP-ESR are out of phase, the rms value can be used to get an approximate value of the
peak-to-peak ripple:
(11)
Note that the output voltage ripple is dependent on the inductor current ripple and the equivalent series
resistance of the output capacitor (RESR). The RESR is frequency dependent as well as temperature dependent.
Calculate the RESR with the applicable switching frequency and ambient temperature.
Table 9. Suggested Capacitor Values
CAPACITOR
MIN VALUE (µF)
DESCRIPTION
RECOMMENDED TYPE
CLDO1
0.47
LDO1 output capacitor
Ceramic, 6.3 V, X5R
CLDO2
0.47
LDO2 output capacitor
Ceramic, 6.3 V, X5R
CSW1
10
SW1 output capacitor
Ceramic, 6.3 V, X5R
CSW2
10
SW2 output capacitor
Ceramic, 6.3 V, X5R
9.2.2.2.6
I
2C Pullup Resistor
Both SDA and SCL pins must have pullup resistors connected to VINLDO12 or to the power supply of the I2C
master. The values of the pullup resistors (typical approximately 1.8 k
Ω) are determined by the capacitance of
the bus. A resistor that is too large, combined with a given bus capacitance, results in a rise time that would
violate the maximum rise time specification. A too-small resistor results in a contention with the pulldown
transistor on either slave(s) or master.
9.2.2.3 Operation Without I2C Interface
Operation of the LP3907 without the I2C interface is possible if the system can operate with default values for the
LDO and Buck regulators (see Factory Programmable Options.) The I2C-less system must rely on the correct
default output values of the LDO and Buck converters.
9.2.2.3.1
High VIN High-Load Operation
Additional information is provided when the IC is operated at extremes of VIN and regulator loads. These are
described in terms of the Junction temperature and, Buck output ripple management.
9.2.2.3.2
Junction Temperature
The maximum junction temperature TJ-MAX-OP of 125°C of the device package Equation 12 through Equation 17
demonstrate junction temperature determination, ambient temperature TA-MAX, and total chip power must be
controlled to keep TJ below this maximum:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com