Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3907TLX-JSXS/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # LP3907TLX-JSXS/NOPB
Description  Dual High-Current Step-Down DC-DC and Dual Linear Regulator
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3907TLX-JSXS/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP3907TLX-JSXS/NOPB Datasheet HTML 6Page - Texas Instruments LP3907TLX-JSXS/NOPB Datasheet HTML 7Page - Texas Instruments LP3907TLX-JSXS/NOPB Datasheet HTML 8Page - Texas Instruments LP3907TLX-JSXS/NOPB Datasheet HTML 9Page - Texas Instruments LP3907TLX-JSXS/NOPB Datasheet HTML 10Page - Texas Instruments LP3907TLX-JSXS/NOPB Datasheet HTML 11Page - Texas Instruments LP3907TLX-JSXS/NOPB Datasheet HTML 12Page - Texas Instruments LP3907TLX-JSXS/NOPB Datasheet HTML 13Page - Texas Instruments LP3907TLX-JSXS/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
TEMPERATURE (°C)
2.00
1.50
1.00
0.50
0.00
-0.50
-1.00
-1.50
-2.00
-50 -35 -20 -5
10 25 40 55 70 85 100
TEMPERATURE (°C)
2.00
1.50
1.00
0.50
0.00
-0.50
-1.00
-1.50
-2.00
-50 -35 -20 -5
10 25 40 55 70 85 100
10
LP3907
SNVS511S – JUNE 2007 – REVISED APRIL 2016
www.ti.com
Product Folder Links: LP3907
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
7.11 Typical Characteristics — LDO
TA = 25°C unless otherwise noted.
VIN = 3.6 V
VOUT = 2.6 V
100-mA Load
Figure 1. Output Voltage Change vs Temperature (LDO1)
VIN = 3.6 V
VOUT = 2.6 V
100-mA Load
Figure 2. Output Voltage Change vs Temperature (LDO2)
VIN = 3.6 V
VOUT = 2.6 V
0 to 150-mA Load
Figure 3. Load Transient (LDO1)
VIN = 3.6 V
VOUT = 3.3 V
0 to 150-mA Load
Figure 4. Load Transient (LDO2)
VIN = 3.6 to 4.2 V
VOUT = 2.6 V
300-mA Load
Figure 5. Line Transient (LDO1)
VIN = 3.6 to 4.2 V
VOUT = 3.3 V
300-mA Load
Figure 6. Line Transient (LDO2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com