Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3907TLX-JSXS/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Part # LP3907TLX-JSXS/NOPB
Description  Dual High-Current Step-Down DC-DC and Dual Linear Regulator
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3907TLX-JSXS/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LP3907TLX-JSXS/NOPB Datasheet HTML 1Page - Texas Instruments LP3907TLX-JSXS/NOPB Datasheet HTML 2Page - Texas Instruments LP3907TLX-JSXS/NOPB Datasheet HTML 3Page - Texas Instruments LP3907TLX-JSXS/NOPB Datasheet HTML 4Page - Texas Instruments LP3907TLX-JSXS/NOPB Datasheet HTML 5Page - Texas Instruments LP3907TLX-JSXS/NOPB Datasheet HTML 6Page - Texas Instruments LP3907TLX-JSXS/NOPB Datasheet HTML 7Page - Texas Instruments LP3907TLX-JSXS/NOPB Datasheet HTML 8Page - Texas Instruments LP3907TLX-JSXS/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 58 page
background image
5
LP3907
www.ti.com
SNVS511S – JUNE 2007 – REVISED APRIL 2016
Product Folder Links: LP3907
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
(1)
A: Analog Pin
D: Digital Pin
G: Ground Pin
PWR: Power Pin
I: Input Pin
I/O: Input/Output Pin
O: Output Pin.
Pin Functions
PIN
I/O
TYPE(1)
DESCRIPTION
WQFN
NUMBE
R
DSBGA
NUMBER
NAME
1
B4, B5
VINLDO12
I
PWR
Analog power for internal functions (VREF, BIAS, I2C, Logic)
2
C4
EN_T
I
D
Enable for preset power on sequence. (See .)
3
C3
nPOR
O
D
nPOR power on reset pin for both Buck1 and Buck 2. Open drain logic
output 100-k
Ω pullup resistor. nPOR is pulled to ground when the voltages
on these supplies are not good. See Flexible Power-On Reset (Power Good
with Delay) section for more info.
4
C5
GND_SW1
G
G
Buck1 NMOS Power Ground
5
D5
SW1
O
PWR
Buck1 switcher output pin
6
E5
VIN1
I
PWR
Power in from either DC source or battery to Buck1
7
D4
ENSW1
I
D
Enable pin for Buck1 switcher, a logic HIGH enables Buck1
8
E4
FB1
I
A
Buck1 input feedback terminal
9
D3
GND_C
G
G
Non switching core ground pin
10
E3
AVDD
I
PWR
Analog power for Buck converters
11
E2
FB2
I
A
Buck2 input feedback terminal
12
D2
ENSW2
I
D
Enable pin for Buck2 switcher, a logic HIGH enables Buck2
13
E1
VIN2
I
PWR
Power in from either DC source or Battery to Buck2
14
D1
SW2
O
PWR
Buck2 switcher output pin
15
C1
GND_SW2
G
G
Buck2 NMOS power ground
16
C2
SDA
I/O
D
I2C cata (bidirectional)
17
B2
SCL
I
D
I2C clock
18
B1
GND_L
G
G
LDO ground
19
A1
VINLDO1
I
PWR
Power in from either DC source or battery to input terminal to LDO1
20
A2
LDO1
O
PWR
LDO1 output
21
B3
ENLDO1
I
D
LDO1 enable pin, a logic HIGH enables the LDO1
22
A3
ENLDO2
I
D
LDO2 enable pin, a logic HIGH enables the LDO2
23
A4
LDO2
O
PWR
LDO2 output
24
A5
VINLDO2
I
PWR
Power in from either DC source or battery to input terminal to LDO2.
DAP
DAP
GND
GND
Connection is not necessary for electrical performance, but it is
recommended for better thermal dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com