Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3907TLX-JSXS/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Part # LP3907TLX-JSXS/NOPB
Description  Dual High-Current Step-Down DC-DC and Dual Linear Regulator
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3907TLX-JSXS/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP3907TLX-JSXS/NOPB Datasheet HTML 5Page - Texas Instruments LP3907TLX-JSXS/NOPB Datasheet HTML 6Page - Texas Instruments LP3907TLX-JSXS/NOPB Datasheet HTML 7Page - Texas Instruments LP3907TLX-JSXS/NOPB Datasheet HTML 8Page - Texas Instruments LP3907TLX-JSXS/NOPB Datasheet HTML 9Page - Texas Instruments LP3907TLX-JSXS/NOPB Datasheet HTML 10Page - Texas Instruments LP3907TLX-JSXS/NOPB Datasheet HTML 11Page - Texas Instruments LP3907TLX-JSXS/NOPB Datasheet HTML 12Page - Texas Instruments LP3907TLX-JSXS/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
9
LP3907
www.ti.com
SNVS511S – JUNE 2007 – REVISED APRIL 2016
Product Folder Links: LP3907
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Buck Converters SW1, SW2 (continued)
Unless otherwise noted, VIN = 3.6 V, CIN = 10 µF, COUT = 10 µF, LOUT = 2.2-µH ceramic, and TJ = 25°C.
(1)(2)(3)(4)(5)(6)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(8)
The IQ can be defined as the standing current of the LP3907 when the I
2C bus is active and all other power blocks have been disabled
via the I2C bus, or it can be defined as the I2C bus active, and the other power blocks are active under no load condition. These two
values can be used by the system designer when the device is powered using a battery.
IPEAK
Buck1 peak switching current limit
1.5
A
Buck2 peak switching current limit
1
IQ
(8)
Quiescent current “on”
No load PFM mode
33
µA
RDSON (P)
Pin-pin resistance PFET
200
m
Ω
RDSON (N)
Pin-pin resistance NFET
180
m
Ω
TON
Turnon time
Start up from shutdown
500
µs
CIN
Input capacitor
Capacitance for stability
10
µF
COUT
Output capacitor
Capacitance for stability
10
µF
(1)
This specification is ensured by design.
7.8
I/O Electrical Characteristics
Unless otherwise noted: Limits apply over the entire junction temperature range for operation, TJ = −40°C to +125°C.
(1)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VIL
Input low level
0.4
V
VIH
Input high level
1.2
7.9
Power-On Reset (POR) Threshold/Function
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
nPOR
nPOR = Power on reset forBuck1 and
Buck2
Default
50
ms
nPOR
threshold
Percentage of target voltage Buck1
or Buck2
VBUCK1 AND VBUCK2 rising
94%
VBUCK1 OR VBUCK2 falling
85%
VOL
Output level low
Load = IoL = 500 mA
0.23
0.5
V
(1)
This specification is ensured by design.
7.10
I
2C Interface Timing Requirements
Unless otherwise noted, VIN = 3.6 V and TJ = 25°C.
(1)
MIN
NOM
MAX
UNIT
ƒCLK
Clock frequency
400
kHz
tBF
Bus-free time between start and stop
See(1)
1.3
µs
tHOLD
Hold time repeated start condition
0.6
µs
tCLKLP
CLK low period
1.3
µs
tCLKHP
CLK high period
0.6
µs
tSU
Set-up time repeated start condition
0.6
µs
tDATAHLD
Data hold time
0
µs
tDATASU
Data set-up time
100
ns
TSU
Set-up time for start condition
0.6
µs
TTRANS
Maximum pulse width of spikes that
must be suppressed by the input filter
of both DATA & CLK signals
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com