Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8414 Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # CS8414
Description  96 KHZ DIGITAL AUDIO RECEIVER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS8414 Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button CS8414 Datasheet HTML 30Page - List of Unclassifed Manufacturers CS8414 Datasheet HTML 31Page - List of Unclassifed Manufacturers CS8414 Datasheet HTML 32Page - List of Unclassifed Manufacturers CS8414 Datasheet HTML 33Page - List of Unclassifed Manufacturers CS8414 Datasheet HTML 34Page - List of Unclassifed Manufacturers CS8414 Datasheet HTML 35Page - List of Unclassifed Manufacturers CS8414 Datasheet HTML 36Page - List of Unclassifed Manufacturers CS8414 Datasheet HTML 37Page - List of Unclassifed Manufacturers CS8414 Datasheet HTML 38Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
CS8413 CS8414
34
DS240F1
APPENDIX A: RS422 RECEIVER
INFORMATION
The RS422 receivers on the CS8413 and CS8414
are designed to receive both the professional and
consumer interfaces, and meet all specifications
listed in the digital audio standards. Figure A20 il-
lustrates the internal schematic of the receiver por-
tion of both chips. The receiver has a differential
input. A Schmitt trigger is incorporated to add hys-
teresis which prevents noisy signals from corrupt-
ing the phase detector.
Professional Interface
The digital audio specifications for professional
use call for a balanced receiver, using XLR connec-
tors, with 110
Ω ±20% impedance. (The XLR con-
nector on the receiver should have female pins with
a male shell.) Since the receiver has a very high im-
pedance, a 110
Ω resistor should be placed across
the receiver terminals to match the line impedance,
as shown in Figure A21, and, since the part has in-
ternal biasing, no external biasing network is need-
ed. If some isolation is desired without the use of
transformers, a 0.01µF capacitor should be placed
on the input of each pin (RXP and RXN) as shown
in Figure A22. However, if transformers are not
used, high frequency energy could be coupled be-
tween transmitter and receiver causing degradation
in analog performance.
Although transformers are not required by AES
they are strongly recommended. The EBU requires
transformers. Figures A21 and A22 show an op-
tional DC blocking capacitor on the transmission
line. A 0.1 to 0.47µF ceramic capacitor may be
used to block any DC voltage that is accidentally
connected to the digital audio receiver. The use of
this capacitor is an issue of robustness as the digital
audio transmission line does not have a DC voltage
component.
Grounding the shield of the cable is a tricky issue.
In the configuration of systems, it is important to
avoid ground loops and DC current flowing down
the shield of the cable that could result when boxes
with different ground potentials are connected.
Generally, it is good practice to ground the shield
to the chassis of the transmitting unit, and connect
the shield through a capacitor to chassis ground at
the receiver. However, in some cases it is advanta-
geous to have the ground of two boxes held to the
same potential, and the cable shield might be de-
pended upon to make that electrical connection.
Generally, it may be a good idea to provide the op-
+
-
8k
Ω
8k
Ω
4k
Ω
4k
Ω
16k
Ω
16k
Ω
RXP
RXN
9
10
Figure 20. RS422 Receiver Internal Circuit
XLR
110
Ω
Twisted
Pair
* See Text
110
Ω
1
RXP
RXN
CS8413/14
Figure 21. Professional Input Circuit
XLR
110
Ω
Twisted
Pair
* See Text
110
Ω
1
RXP
RXN
CS8413/14
0.01 µF
0.01 µF
Figure 22. Transformerless Professional Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com