Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8414 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # CS8414
Description  96 KHZ DIGITAL AUDIO RECEIVER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS8414 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button CS8414 Datasheet HTML 15Page - List of Unclassifed Manufacturers CS8414 Datasheet HTML 16Page - List of Unclassifed Manufacturers CS8414 Datasheet HTML 17Page - List of Unclassifed Manufacturers CS8414 Datasheet HTML 18Page - List of Unclassifed Manufacturers CS8414 Datasheet HTML 19Page - List of Unclassifed Manufacturers CS8414 Datasheet HTML 20Page - List of Unclassifed Manufacturers CS8414 Datasheet HTML 21Page - List of Unclassifed Manufacturers CS8414 Datasheet HTML 22Page - List of Unclassifed Manufacturers CS8414 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
CS8413 CS8414
DS240F1
19
The two most significant bits in SR1 change defini-
tion for buffer mode 2. These two bits, when set, in-
dicate CRC errors for their respective channels. A
CRC error occurs when the internal calculated
CRC for channel status bytes 0 through 22 does not
match channel status byte 23. CCHG, bit 5 in SR1,
is set when any bit in the first four channel status
bytes of either channel changes from one block to
the next. Since channel status doesn’t change very
often, this bit may be monitored rather than check-
ing all the bits in the first four bytes. These bits are
illustrated in Figure 6.
Buffer Updates and Interrupt Timing
As mentioned previously in the buffer mode sec-
tions, conflicts between externally reading the
buffer RAM and the CS8413 internally writing to it
may be averted by using the flag levels to avoid the
section currently being addressed by the part. How-
ever, if the interrupt line, along with the flags, is
utilized, the actual byte that was just updated can be
determined. In this way, the entire buffer can be
read
without
concern
for
internal
updates.
Figure 15 shows the detailed timing for the inter-
rupt line, flags, and the RAM write line. SCK is 64
times the incoming sample frequency, and is the
same SCK output in master mode. The FSYNC
shown is valid for all master modes except the I2S
compatible mode. The interrupt pulse is shown to
be 4 SCK periods wide and goes low 5 SCK peri-
ods after the RAM is written. Using the above in-
formation, the entire data buffer may be read
starting with the next byte to be updated by the in-
ternal pointer.
ERF Pin Timing
ERF signals that an error occurred while receiving
the audio sample that is currently being read from
the serial port. ERF changes with the active edge of
FSYNC and is high during the erroneous sample.
ERF is affected by the error conditions reported in
SR2: LOCK, CODE, PARITY, and V. Any of
these conditions may be masked off using the cor-
responding bits in IER2. The ERF pin will go high
for each error that occurs. The ERF bit in SR1 is
different from the ERF pin in that it only causes an
interrupt the first time an error occurs until SR1 is
read. More information on the ERF pin and bit is
FSYNC
(FLAG0,1)
(FLAG2)
SCK
Left 191
Right 191
Left 0
INT
IWRITE
INT
FSF1,0
MSTR
SCED
= 1
= 1
= 1 0
Figure 15. RAM/Buffer - Write and Interrupt Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com