Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8414 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # CS8414
Description  96 KHZ DIGITAL AUDIO RECEIVER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS8414 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  CS8414 Datasheet HTML 1Page - List of Unclassifed Manufacturers CS8414 Datasheet HTML 2Page - List of Unclassifed Manufacturers CS8414 Datasheet HTML 3Page - List of Unclassifed Manufacturers CS8414 Datasheet HTML 4Page - List of Unclassifed Manufacturers CS8414 Datasheet HTML 5Page - List of Unclassifed Manufacturers CS8414 Datasheet HTML 6Page - List of Unclassifed Manufacturers CS8414 Datasheet HTML 7Page - List of Unclassifed Manufacturers CS8414 Datasheet HTML 8Page - List of Unclassifed Manufacturers CS8414 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
CS8413 CS8414
DS240F1
5
SWITCHING CHARACTERISTICS - SERIAL PORTS
(TA = 25 °C; VD+, VA+ = 5V ± 5%; Inputs: Logic 0 = DGND, Logic 1 = VD+; CL = 20 pF)
Notes: 6. The output word rate, OWR, refers to the frequency at which an audio sample is output from the part.
(A stereo pair is two audio samples.) Therefore, in Master mode, there are always 32 SCK periods in
one audio sample. In Slave mode, exactly 32 SCK periods per audio sample must be provided in most
serial port formats. Therefor, if SCK is 128 x Fs, then SCK must be gated to provide exactly 32 periods
per audio sample.
7. In Master mode, SCK and FSYNC are outputs. In Slave mode, they are inputs. In the CS8413, control
reg. 2 bit 1, MSTR, selects master. In the CS8414, formats 1, 3 and 9 are slaves.
8. The table above assumes data is output on the falling edge and latched on the rising edge. With the
CS8413 the edge is selectable. The table is defined for the CS8413 with control reg. 2 bit 0, SCED, set
to one, and for the CS8414 in formats 2, 3, 5, 6 and 7. For the other formats, the table and figure edges
must be reversed (i.e. “rising” to “falling” and vice versa.)
Parameters
Symbol
Min
Typ
Max
Units
SCK Frequency
Master Mode
(Notes 6 and 7)
Slave Mode
(Note 7)
fsck
-
OWRx32
OWRx32
-
-
128 x FS
Hz
Hz
SCK falling to FSYNC delay Master Mode
(Notes 7 and 8)
tsfdm
-20
-
20
ns
SCK Pulse Width Low
Slave Mode
(Note 7)
tsckl
40
-
-
ns
SCK Pulse Width High
Slave Mode
(Note 7)
tsckh
40
-
-
ns
SCK rising to FSYNC edge delay Slave Mode (Notes 7 and 8)
tsfds
20
-
-
ns
FSYNC edge to SCK rising setup Slave Mode (Notes 7 and 8)
tfss
20
-
-
ns
SCK falling (rising) to SDATA valid
(Note 8)
tssv
-
-
20
ns
C, U, CBL valid to FSYNC edge CS8414
(Note 8)
tcuvf
-1/fsck
-s
MCK to FSYNC edge delay
FSYNC from RXN/RXP
tmfd
-15
-
ns
sfds
t
ssv
t
SDATA
SCK
FSYNC
fss
t
MSB
sckh
t
ssv
t
sckl
t
SDATA
SCK
FSYNC
MSB
(Mode 1)
(Mode 3)
sfdm
t
ssv
t
cuvf
t
SDATA
SCK
FSYNC
C, U
Serial Output Timing - Slave Mode
Serial Output Timing -
Master Mode & C, U Port
FSYNC Generated From
Received Data
FSYNC
mfd
t
MCK
fss
t
sfds
t
sckh
t
sckl
t
SCK
(Modes 2,3,5,6,
7,10,12, and 13)
(Modes 0,1,4,
8,9, and 11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com