Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8414 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CS8414
Description  96 KHZ DIGITAL AUDIO RECEIVER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS8414 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CS8414 Datasheet HTML 1Page - List of Unclassifed Manufacturers CS8414 Datasheet HTML 2Page - List of Unclassifed Manufacturers CS8414 Datasheet HTML 3Page - List of Unclassifed Manufacturers CS8414 Datasheet HTML 4Page - List of Unclassifed Manufacturers CS8414 Datasheet HTML 5Page - List of Unclassifed Manufacturers CS8414 Datasheet HTML 6Page - List of Unclassifed Manufacturers CS8414 Datasheet HTML 7Page - List of Unclassifed Manufacturers CS8414 Datasheet HTML 8Page - List of Unclassifed Manufacturers CS8414 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
1
Copyright
© Cirrus Logic, Inc. 1998
(All Rights Reserved)
Cirrus Logic, Inc.
Crystal Semiconductor Products Division
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.crystal.com
CS8413
CS8414
96 kHz Digital Audio Receiver
Features
l Sample Rates to >100 kHz
l Low-Jitter, On-Chip Clock Recovery
256xFs Output clock Provided
l Supports: AES/EBU, IEC 958, S/PDIF, &
EIAJ CP340/1201 Professional and
Consumer Formats
l Extensive Error Reporting
Repeat Last Sample on Error Option
l On-Chip RS422 Line Receiver
l Configurable Buffer Memory (CS8413)
l Pin Compatible with CS8411 and CS8412
Description
The CS8413 and CS8414 are monolithic CMOS devices
which receive and decode audio data up to 96kHz ac-
cording to the AES/EBU, IEC958, S/PDIF, and EIAJ
CP340/1201 interface standards. The CS8413 and
CS8414 receive data from a transmission line, recover
the clock and synchronization signals, and de-multiplex
the audio and digital data. Differential or single ended in-
puts can be decoded.
The CS8413 has a configurable internal buffer memory,
read through a parallel port, which may be used to buffer
channel status, auxiliary data, and/or user data.
The CS8414 de-multiplexes the channel, user, and va-
lidity data directly to serial output pins with dedicated
output pins for the most important channel status bits.
ORDERING INFORMATION
CS8413-CS
0° to 70° C
28-pin Plastic SOIC
CS8414-CS
0° to 70° C
28-pin Plastic SOIC
I
SCK
12
FSYNC
11
SDATA
26
RXP
9
RXN
10
Audio
Serial Port
CS
24
RD/WR
23
A3-A0
4
D7-D0
8
Configurable
Buffer
Memory
MCK
19
De-MUX
RS422
Receiver
CS8413
IEnable and Status
ERF
INT
25
14
Clock and Data Recovery
AGND
21
FILT
20
VA+
22
DGND
8
VD+
7
SCK
12
FSYNC
11
SDATA
26
RXP
9
RXN
10
Audio
Serial Port
14
28
Registers
MCK
19
De-MUX
RS422
Receiver
CS8414
MUX
227
Clock and Data Recovery
AGND
21
FILT
20
VA+
22
DGND
8
VD+
7
1
C
U
VERF
M3
17
M2
18
M1
24
M0
23
MUX
ERF
25
CBL
15
43
65
Ce/
Cd/
Cc/
Cb/
Ca/
C0/
F2
F1
F0
E2
E1
E0
16
SEL
13
CS12/
FCK
13
A4/FCK
OCT ‘98
DS240F1


Similar Part No. - CS8414

ManufacturerPart #DatasheetDescription
logo
High Voltage Power Solu...
CS841 HVPSI-CS841 Datasheet
60Kb / 2P
MOV Modules
logo
Cirrus Logic
CS8411 CIRRUS-CS8411 Datasheet
642Kb / 38P
DIGITAL AUDIO INTER FACE RECEIVER
CS8412 CIRRUS-CS8412 Datasheet
642Kb / 38P
DIGITAL AUDIO INTER FACE RECEIVER
CS8412 CIRRUS-CS8412 Datasheet
1Mb / 36P
Low Cost, 20-Bit, Stereo, Audio D/A Converter
CS8415A CIRRUS-CS8415A Datasheet
766Kb / 42P
96 kHz DIGITAL AUDIO INTERFACE RECEIVER
More results

Similar Description - CS8414

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS8415A CIRRUS-CS8415A Datasheet
766Kb / 42P
96 kHz DIGITAL AUDIO INTERFACE RECEIVER
CS8427 CIRRUS-CS8427 Datasheet
948Kb / 59P
96 kHz Digital Audio Interface Transceiver
logo
Texas Instruments
DIR9001 TI-DIR9001 Datasheet
391Kb / 30P
96-kHz, 24-Bit Digital Audio Interface Receiver
logo
Cirrus Logic
CS8405A CIRRUS-CS8405A_04 Datasheet
630Kb / 37P
96 kHz Digital Audio Interface Transmitter
logo
Burr-Brown (TI)
DIR9001 BURR-BROWN-DIR9001 Datasheet
394Kb / 32P
96-kHz, 24-Bit Digital Audio Interface Receiver
DIR9001-Q1 BURR-BROWN-DIR9001-Q1 Datasheet
378Kb / 30P
96-kHz, 24-Bit Digital Audio Interface Receiver
logo
Cirrus Logic
CS8427 CIRRUS-CS8427_09 Datasheet
498Kb / 60P
96 kHz Digital Audio Interface Transceiver
CS8415A CIRRUS-CS8415A_05 Datasheet
583Kb / 46P
96 kHz Digital Audio Interface Receiver
CS8427 CIRRUS-CS8427_10 Datasheet
743Kb / 60P
96 kHz Digital Audio Interface Transceiver
logo
Texas Instruments
DIR9001IPWRQ1G4 TI1-DIR9001IPWRQ1G4 Datasheet
787Kb / 35P
96-kHz, 24-Bit Digital Audio Interface Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com