Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3933 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3933
Description  Lighting Management System for Six White LEDs and Two RGB or FLASH LEDs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3933 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LP3933 Datasheet HTML 5Page - National Semiconductor (TI) LP3933 Datasheet HTML 6Page - National Semiconductor (TI) LP3933 Datasheet HTML 7Page - National Semiconductor (TI) LP3933 Datasheet HTML 8Page - National Semiconductor (TI) LP3933 Datasheet HTML 9Page - National Semiconductor (TI) LP3933 Datasheet HTML 10Page - National Semiconductor (TI) LP3933 Datasheet HTML 11Page - National Semiconductor (TI) LP3933 Datasheet HTML 12Page - National Semiconductor (TI) LP3933 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Magnetic Boost DC/DC Converter (Continued)
Boost Converter Topology
20080528
Magnetic Boost DC/DC Converter Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
I
LOAD
Load Current
3.0V
≤ V
IN
≤ 4.5V
V
OUT =5V
0
300
mA
V
FB
Output Voltage
Accuracy (FB Pin)
1mA
≤ I
LOAD
≤ 300 mA
3.0V
≤ V
IN
≤
V
OUT − 0.5V
V
OUT =5V
−5
+5
%
Voltage at FB Pin
(Boost Converter
Output Voltage)
1mA
≤ I
LOAD
≤ 300 mA
3.0V < V
IN < 5V +
V
(SCHOTTKY)
5V
1mA
≤ I
LOAD
≤ 300 mA
V
IN > 5V+V(SCHOTTKY)
V
IN–V(SCHOTTKY)
V
RDS
ON
Switch ON Resistance
V
DD1, 2 = 2.775V, ISW =
0.5A
0.4
0.7
Ω
f
PWF
PWM Mode Switching
Frequency
RT=82k
Ω
1
MHz
Frequency Accuracy
2.65
≤ V
DD1, 2
≤ 2.9
−6
±3+6
%
RT=82k
Ω
−9
+9
t
STARTUP
Startup Time
25
ms
I
CL_OUT
SW Pin Current Limit
670
800
915
mA
530
995
Boost Standby Mode
User can set the Boost Converter to STANDBY mode by writing the register bit EN_BOOST low. When EN_BOOST is written
high, the converter starts for 10 ms in PFM mode and then goes to PWM mode.
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com