Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3933 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3933
Description  Lighting Management System for Six White LEDs and Two RGB or FLASH LEDs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3933 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LP3933 Datasheet HTML 6Page - National Semiconductor (TI) LP3933 Datasheet HTML 7Page - National Semiconductor (TI) LP3933 Datasheet HTML 8Page - National Semiconductor (TI) LP3933 Datasheet HTML 9Page - National Semiconductor (TI) LP3933 Datasheet HTML 10Page - National Semiconductor (TI) LP3933 Datasheet HTML 11Page - National Semiconductor (TI) LP3933 Datasheet HTML 12Page - National Semiconductor (TI) LP3933 Datasheet HTML 13Page - National Semiconductor (TI) LP3933 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Boost Output Voltage Control
User can control the boost output voltage by boost output 8-bit register.
Boost [7:0]
Register 0Dh
BOOST Output Voltage
(typical)
Bin
Hex
0000 0000
00
4.10
0000 0001
01
4.25
0000 0011
03
4.40
0000 0111
07
4.55
0000 1111
0F
4.70
0001 1111
1F
4.85
0011 1111
3F
5.00 Default
0111 1111
7F
5.15
1111 1111
FF
5.30
Boost Output Voltage Control
20080510
Boost Converter Typical Performance Characteristics V
IN = 3.6V, VOUT = 5.0V if not
otherwise stated.
Boost Converter Efficiency
Boost Frequency vs RT Resistor
20080518
20080526
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com