Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3933 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3933
Description  Lighting Management System for Six White LEDs and Two RGB or FLASH LEDs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3933 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LP3933 Datasheet HTML 8Page - National Semiconductor (TI) LP3933 Datasheet HTML 9Page - National Semiconductor (TI) LP3933 Datasheet HTML 10Page - National Semiconductor (TI) LP3933 Datasheet HTML 11Page - National Semiconductor (TI) LP3933 Datasheet HTML 12Page - National Semiconductor (TI) LP3933 Datasheet HTML 13Page - National Semiconductor (TI) LP3933 Datasheet HTML 14Page - National Semiconductor (TI) LP3933 Datasheet HTML 15Page - National Semiconductor (TI) LP3933 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Dual RGB LED Driver
The RGB driver has six outputs that can independently drive
2 separate RGB LEDs or six LEDs of any kind. User has
control over the following parameters separately for each
LED:
ON and OFF (start and stop time in blinking cycle)
DUTY
(PWM brightness control)
SLOPE
(turn-on and turn-off slope)
ENABLE
(output enable control)
The main blinking cycle is controlled with 2-bit CYCLE con-
trol (0.25 / 0.5 / 1.0 / 2.0s).
20080501
RGB PWM Operating Principle
RGB_START is the master enable control for the whole RGB
function. The internal PWM and blinking control can be
disabled by setting the RGB_PWM control LOW. In this case
the individual enable controls can be used to switch outputs
on and off. PWM_LED input can be used for external hard-
ware PWM control.
In the normal PWM mode the R, G and B switches are
controlled in 3 phases (one phase per driver). During each
phase the peak current set by external resistor is driven
through the LED for the time defined by DUTY setting
(0 µs–50 µs). As a time averaged current this means
0%–33% of the peak current. The PWM period is 150 µs and
the pulse frequency is 6.7 kHz in normal mode.
20080506
Normal Mode PWM Waveforms at Different Duty
Settings
In the FLASH mode all the outputs are controlled in one
phase and the PWM period is 50 µs. The time averaged
FLASH mode current is three times the normal mode current
at the same DUTY value.
Blinking can be controlled separately for each output. On
and OFF times determine, when a LED turns on and off
within the blinking cycle. When both ON and OFF are 0, the
LED is on and doesn’t blink. If ON equals OFF but is not 0,
the LED is permanently off.
20080502
Example Blinking Waveforms
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com