Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3933 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3933
Description  Lighting Management System for Six White LEDs and Two RGB or FLASH LEDs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3933 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LP3933 Datasheet HTML 9Page - National Semiconductor (TI) LP3933 Datasheet HTML 10Page - National Semiconductor (TI) LP3933 Datasheet HTML 11Page - National Semiconductor (TI) LP3933 Datasheet HTML 12Page - National Semiconductor (TI) LP3933 Datasheet HTML 13Page - National Semiconductor (TI) LP3933 Datasheet HTML 14Page - National Semiconductor (TI) LP3933 Datasheet HTML 15Page - National Semiconductor (TI) LP3933 Datasheet HTML 16Page - National Semiconductor (TI) LP3933 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
RGB Driver Electrical Characteristics
(R1, G1, B1, R2, G2, B2 outputs)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
R
DS-ON
ON Resistance
I = 75 mA
3.5
6
Ω
I
LEAKAGE
Off State Leakage Current
V
FB = 5V, LED driver off
0.03
1
µA
I
MAX
Maximum Sink Current
(Note 5)
120
mA
T
SMAX
Maximum Slope Period
At Maximum Duty Setting
0.93
s
T
SMIN
Minimum Slope Period
At Maximum Duty Setting
31
ms
T
SRES
Slope Resolution
At Maximum Duty Setting
62
ms
T
START/STOP
Start/Stop Resolution
Cycle 1s
1/16
s
Duty
Duty Step Size
6.25
%
T
BLINK
Blinking Cycle Accuracy
−6
±3+6
%
D
CYCF
Duty Cycle Range
FLASH_MODE = 1
0
99.6
%
D
CYC
Duty Cycle Range
FLASH_MODE = 0
0
33.2
%
D
RESF
Duty Resolution
FLASH_MODE=1(4 bit)
6.64
%
D
RES
Duty Resolution
FLASH_MODE=0(4 bit)
2.21
%
F
PWMF
PWM Frequency
FLASH_MODE = 1
20
kHz
F
PWM
PWM Frequency
FLASH_MODE = 0
6.67
kHz
RGB LED PWM Control (Note 15)
R1DUTY[3:0]
G1DUTY[3:0]
B1DUTY[3:0]
R2DUTY[3:0]
G2DUTY[3:0]
B2DUTY[3:0]
DUTY sets the brightness of the LED by adjusting the duty cycle of the PWM driver. The minimum duty
cycle is 0% [0000] and the maximum in the FLASH mode is
A 100% [1111] of the peak pulse current.
The peak pulse current is determined by the external resistor, LED voltage drop and the boost voltage. In
normal mode the maximum duty cycle is 33%.
R1SLOPE[3:0]
G1SLOPE[3:0]
B1SLOPE[3:0]
R2SLOPE[3:0]
G2SLOPE[3:0]
B2SLOPE[3:0]
SLOPE sets the turn-on and turn-off slopes. Fastest slope is set by [0000] and slowest by [1111]. SLOPE
changes the duty cycle at constant, programmable rate. For each slope setting the maximum slope time
appears at maximum DUTY setting. When DUTY is reduced, the slope time decreases proportionally. For
example, in case of maximum DUTY, the sloping time can be adjusted from 31 ms [0000] to 930 ms
[1111]. For 50% DUTY [0111] the sloping time is 14 ms [0000] to 434 ms [1111]. The blinking cycle has
no effect on SLOPE.
R1ON[3:0]
G1ON[3:0]
B1ON[3:0]
R2ON[3:0]
G2ON[3:0]
B2ON[3:0]
ON sets the beginning time of the turn-on slope. The on-time is relative to the selected blinking cycle
length. On-setting N (N = 0–15) sets the on-time to N/16 * cycle length.
R1OFF[3:0]
G1OFF[3:0]
B1OFF[3:0]
R2OFF[3:0]
G2OFF[3:0]
B2OFF[3:0]
OFF sets the beginning time of the turn-off slope. Off-time is relative to the blinking cycle length in the
same way as the on-time.
If ON=0,OFF=0 and RGB_PWM = 1, then RGB outputs are continuously on (no blinking), the DUTY
setting controls the brightness and the SLOPE setting is ignored.
If ON and OFF are the same, but not 0, the RGB outputs are turned off.
CYCLE[1:0]
CYCLE sets the blinking cycle: [00] for 0.25s, [01] for 0.5s, [10] for 1s and [11] for 2s. CYCLE effects to
all RGB LEDs.
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com