Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3958TL/NOPB Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LP3958TL/NOPB
Description  Lighting Management Unit with High Voltage Boost Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3958TL/NOPB Datasheet(HTML) 19 Page - Texas Instruments

Back Button LP3958TL/NOPB Datasheet HTML 15Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 16Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 17Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 18Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 19Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 20Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 21Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 22Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
+85°C
-40°C
+25°C
100
0
TIME (s)
0
0.7
0.1
0.2
0.3
0.4
0.5
0.6
80
60
40
20
FADE OUT
FADE IN
100
0
TIME (s)
0
1.4
0.2
0.4
0.6
0.8
0.1
1.2
80
60
40
20
FADE OUT
FADE IN
LP3958
www.ti.com
SNVS423C – JANUARY 2006 – REVISED MARCH 2013
WLED Dimming, SLOPE=0
WLED Dimming, SLOPE=1
Figure 19.
Figure 20.
WLED Output Current vs. Voltage
Figure 21.
General Purpose I/O Functionality
LP3958 has three general purpose I/O pins: GPIO[0]/PWM, GPIO[1] and GPIO[2]. GPIO[0]/PWM can also be
used as a PWM input for the external LED PWM controlling. GPIO bi-directional drivers are operating from the
VDDIO supply domain.
Registers for GPIO are as follows:
GPIO CONTROL (06H)
Name
Bit
Description
EN_PWM_PIN
4
Enable PWM pin
0 = disable
1 = enable
OEN[2:0]
2:0
GPIO pin direction
0 = input
1 = output
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LP3958



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com