Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3958TL/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LP3958TL/NOPB
Description  Lighting Management Unit with High Voltage Boost Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3958TL/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP3958TL/NOPB Datasheet HTML 3Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 4Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 5Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 6Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 7Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 8Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 9Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 10Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
STANDBY
RESET
INTERNAL
STARTUP
SEQUENCE
NRST = L
or POR = H
EN_BOOST = H*
THSD = H
~10 ms Delay
BOOST STARTUP
NSTBY = H and
NRST = H
NSTBY = L and
NRST = H
EN_BOOST = L*
~20 ms Delay
NORMAL MODE
EN_BOOST
rising edge*
* THSD = L
VREF = 95% OK*
NSTBY = L
and NRST = H
LP3958
www.ti.com
SNVS423C – JANUARY 2006 – REVISED MARCH 2013
APPLICATION INFORMATION
Modes of Operation
RESET: In the RESET mode all the internal registers are reset to the default values. Reset is entered always if
input NRST is LOW or internal Power On Reset is active. Power On Reset (POR) will activate during the
chip startup or when the supply voltages VDD1 and VDD2 fall below 1.5V. Once VDD1 and VDD2 rises above
1.5V, POR will inactivate and the chip will continue to the STANDBY mode. NSTBY control bit is low after
POR by default.
STANDBY: The STANDBY mode is entered if the register bit NSTBY is LOW and Reset is not active. This is the
low power consumption mode, when all circuit functions are disabled. Registers can be written in this
mode and the control bits are effective immediately after start up.
STARTUP: When NSTBY bit is written high, the INTERNAL STARTUP SEQUENCE powers up all the needed
internal blocks (VREF, Bias, Oscillator etc.). To ensure the correct oscillator initialization, a 10ms delay is
generated by the internal state-machine. If the chip temperature rises too high, the Thermal Shutdown
(THSD) disables the chip operation and STARTUP mode is entered until no thermal shutdown event is
present.
BOOST STARTUP: Soft start for boost output is generated in the BOOST STARTUP mode. The boost output is
raised in low current PWM mode during the 20ms delay generated by the state-machine. All LED outputs
are off during the 20ms delay to ensure smooth startup. The Boost startup is entered from Internal Startup
Sequence if EN_BOOST is HIGH or from Normal mode when EN_BOOST is written HIGH.
NORMAL: During NORMAL mode the user controls the chip using the Control Registers. The registers can be
written in any sequence and any number of bits can be altered in a register in one write.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LP3958



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com