Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3958TL/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LP3958TL/NOPB
Description  Lighting Management Unit with High Voltage Boost Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3958TL/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP3958TL/NOPB Datasheet HTML 8Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 9Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 10Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 11Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 12Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 13Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 14Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 15Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
10
12
14
16
18
OUTPUT VOLTAGE (V)
100
200
300
400
500
8
VIN = 3.0V
VIN = 3.6V
VIN = 5.5V
AUTOLOAD OFF
AUTOLOAD ON
LP3958
SNVS423C – JANUARY 2006 – REVISED MARCH 2013
www.ti.com
Vin = 3.6V, Vout = 18.0V if not otherwise stated
Boost Load Transient Response 25mA – 70mA
Autoload Effect on Input Current, No Load
Figure 11.
Figure 12.
Boost Maximum Current vs. Output Voltage
Figure 13.
12
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP3958



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com