Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3958TL/NOPB Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LP3958TL/NOPB
Description  Lighting Management Unit with High Voltage Boost Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3958TL/NOPB Datasheet(HTML) 22 Page - Texas Instruments

Back Button LP3958TL/NOPB Datasheet HTML 18Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 19Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 20Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 21Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 22Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 23Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 24Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 25Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
SDA
SCL
1
8
2
3
7
6
5
8
10
4
9
1
7
ack from slave
start
msb Chip Address lsb
SCL
ack from slave
w
msb Register Add lsb
rs
r
msb
DATA
lsb
stop
ack from slave
ack from master
repeated start
data from slave
SDA
start
id = 59H = 101 1001b
w ack
addr = 00H
ack
rs
r ack
address 00H data
ack stop
msb Chip Address lsb
id = 59H = 101 1001b
start
msb Chip Address lsb
w
ack
msb Register Add lsb
ack
msb
DATA
lsb
ack
stop
ack from slave
ack from slave
ack from slave
SCL
SDA
start
id = 59H = 101 1001b
w
ack
addr = 02H
ack
ack
address 02H data
stop
LP3958
SNVS423C – JANUARY 2006 – REVISED MARCH 2013
www.ti.com
w = write (SDA = “0”)
r = read (SDA = “1”)
ack = acknowledge (SDA pulled down by either master or slave)
rs = repeated start
id = 7-bit chip address, 59H (101 1001b) for LP3958.
Figure 25. I2C Write Cycle
When a READ function is to be accomplished, a WRITE function must precede the READ function, as shown in
the Read Cycle waveform.
Figure 26. I2C Read Cycle
Figure 27. I2C Timing Diagram
I2C TIMING PARAMETERS (VDD1,2 = 3.0 to 4.5V, VDDIO = 1.8V to VDD1,2)
Limit(1)
Symbol
Parameter
Unit
Min
Max
1
Hold Time (repeated) START Condition
0.6
µs
(1)
Data guaranteed by design
22
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP3958



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com