Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3986 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LP3986
Description  Dual Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3986 Datasheet(HTML) 2 Page - Texas Instruments

  LP3986 Datasheet HTML 1Page - Texas Instruments LP3986 Datasheet HTML 2Page - Texas Instruments LP3986 Datasheet HTML 3Page - Texas Instruments LP3986 Datasheet HTML 4Page - Texas Instruments LP3986 Datasheet HTML 5Page - Texas Instruments LP3986 Datasheet HTML 6Page - Texas Instruments LP3986 Datasheet HTML 7Page - Texas Instruments LP3986 Datasheet HTML 8Page - Texas Instruments LP3986 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Fast Turn
On
circuit
Vreference
1.23V
Over Current &
Thermal
Protection
BYPASS
VEN2
VIN
VEN1
VOUT2
VOUT1
GND
LP3986
VOUT1
VOUT2
VIN
CIN
1PF
EN1
EN2
GND
BYPASS
CBYPASS*
0.01PF
Input
2.7V to 6.0V
1PF
LP3986
SNVS142U – AUGUST 2001 – REVISED FEBRUARY 2013
www.ti.com
Typical Application Circuit
Block Diagram
LP3986
Pin Functions
PIN DESCRIPTIONS
Name
DSBGA(1)
Function
VOUT2
A1
Output Voltage of the second LDO
EN2
B1
Enable input for the second LDO
BYPASS
C1
Bypass capacitor for the bandgap
GND
C2
Common ground
GND
C3
Common ground
EN1
B3
Enable input for the first LDO
VOUT1
A3
Output Voltage of the first LDO
VIN
A2
Common input for both LDOs
(1)
The pin numbering scheme for the DSBGA package was revised in April 2002 to conform to JEDEC standard. Only the pin numbers
were revised. No changes to the physical location of the inputs/outputs were made. For reference purposes, the obsolete numbering
scheme had VOUT2 as pin 1, EN2 as pin 2, BYPASS as pin 3, GND as pins 4 and 5, EN1 as pin 6, VOUT1 as pin 7, and VIN as pin 8.
2
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: LP3986



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com