Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3986 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LP3986
Description  Dual Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3986 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP3986 Datasheet HTML 7Page - Texas Instruments LP3986 Datasheet HTML 8Page - Texas Instruments LP3986 Datasheet HTML 9Page - Texas Instruments LP3986 Datasheet HTML 10Page - Texas Instruments LP3986 Datasheet HTML 11Page - Texas Instruments LP3986 Datasheet HTML 12Page - Texas Instruments LP3986 Datasheet HTML 13Page - Texas Instruments LP3986 Datasheet HTML 14Page - Texas Instruments LP3986 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
LP3986
www.ti.com
SNVS142U – AUGUST 2001 – REVISED FEBRUARY 2013
NOISE BYPASS CAPACITOR
Connecting a 0.01µF capacitor between the CBYPASS pin and ground significantly reduces noise on the regulator
output. This cap is connected directly to a high impedance node in the band gap reference circuit. Any significant
loading on this node will cause a change on the regulated output voltage. For this reason, DC leakage current
through this pin must be kept as low as possible for best output voltage accuracy. The use of this 0.01µF bypass
capacitor is strongly recommended to prevent overshoot on the output during start up.
The types of capacitors best suited for the noise bypass capacitor are ceramic and film. High-quality ceramic
capacitors with either NPO or COG dielectric typically have very low leakage. Polypropolene and polycarbonate
film capacitors are available in small surface-mount packages and typically have extremely low leakage current.
Unlike many other LDOs, addition of a noise reduction capacitor does not effect the transient response of the
device.
ON/OFF INPUT OPERATION
The LP3986 is turned off by pulling the VEN pin low, and turned on by pulling it high. If this feature is not used,
the VEN pin should be tied to VIN to keep the regulator output on at all times. To assure proper operation, the
signal source used to drive the VEN input must be able to swing above and below the specified turn-on/off voltage
thresholds listed in the Electrical Characteristics section under VIL and VIH.
FAST ON-TIME
The LP3986 outputs are turned on after Vref voltage reaches its final value (1.23V nominal). To speed up this
process, the noise reduction capacitor at the bypass pin is charged with an internal 70µA current source. The
current source is turned off when the bandgap voltage reaches approximately 95% of its final value. The turn on
time is determined by the time constant of the bypass capccitor. The smaller the capacitor value, the shorter the
turn on time, but less noise gets reduced. As a result, turn on time and noise reduction need to be taken into
design consideration when choosing the value of the bypass capacitor.
DSBGA MOUNTING
The DSBGA package requires specific mounting techniques which are detailed in TI's AN-1112 application report
(SNVA009), in particular the section Surface Mount Assembly Considerations.
For best results during assembly, alignment ordinals on the PC board may be used to facilitate placement of the
DSBGA device.
DSBGA LIGHT SENSITIVITY
Exposing the DSBGA device to direct sunlight will cause misoperation of the device. Light sources such as
halogen lamps can effect electrical performance if brought near to the device.
The wavelengths which have most detrimental effect are reds and infra-reds, which means that the fluorescent
lighting used inside most buildings has very little effect on performance. A DSBGA test board was brought to
within 1cm of a fluorescent desk lamp and the effect on the regulated output voltage was negligible, showing a
deviation of less than 0.1% from nominal.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP3986



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com