Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3986 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP3986
Description  Dual Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3986 Datasheet(HTML) 1 Page - Texas Instruments

  LP3986 Datasheet HTML 1Page - Texas Instruments LP3986 Datasheet HTML 2Page - Texas Instruments LP3986 Datasheet HTML 3Page - Texas Instruments LP3986 Datasheet HTML 4Page - Texas Instruments LP3986 Datasheet HTML 5Page - Texas Instruments LP3986 Datasheet HTML 6Page - Texas Instruments LP3986 Datasheet HTML 7Page - Texas Instruments LP3986 Datasheet HTML 8Page - Texas Instruments LP3986 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LP3986
www.ti.com
SNVS142U – AUGUST 2001 – REVISED FEBRUARY 2013
LP3986 Dual Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulators in DSBGA
Package
Check for Samples: LP3986
1
FEATURES
DESCRIPTION
The LP3986 is a 150 mA dual low dropout regulator
2
•
Miniature 8-I/O DSBGA Package
designed for portable and wireless applications with
•
Stable With 1µF Ceramic and High Quality
demanding
performance
and
board
space
Tantalum Output Capacitors
requirements.
•
Fast Turn-on
The LP3986 is stable with a small 1 µF ±30%
•
Two Independent Regulators
ceramic output capacitor requiring smallest possible
board space.
•
Logic Controlled Enable
•
Over Current and Thermal Protection
The LP3986's performance is optimized for battery
powered systems to deliver ultra low noise, extremely
APPLICATIONS
low dropout voltage and low quiescent current
independent of load current. Regulator ground current
•
CDMA Cellular Handsets
increases very slightly in dropout, further prolonging
•
GSM Cellular Handsets
the battery life. Optional external bypass capacitor
reduces the output noise further without slowing down
•
Portable Information Appliances
the load transient response. Fast start-up time is
•
Portable Battery Applications
achieved by utilizing a speed-up circuit that actively
pre-charges the bypass capacitor. Power supply
rejection is better than 60 dB at low frequencies and
55 dB at 10 kHz. High power supply rejection is
maintained at low input voltage levels common to
battery operated circuits.
The LP3986 is available in a DSBGA package.
Performance is specified for a
−40°C to +125°C
temperature range. For single LDO applications,
please refer to the LP3985 datasheet.
Table 1. Key Specifications
VALUE
UNIT
Guaranteed output current per regulator
150
mA
Typical quiescent current when both regulators in shutdown mode
1
nA
Typical dropout voltage at 150 mA output current
60
mV
Typical ground current
115
µA
Typical output noise
40
µV
Fast turn-on circuit
200
µs
Junction temperature
−40 to +125
°C
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP3986

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3986 NSC-LP3986 Datasheet
328Kb / 13P
Dual Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulators in micro SMD Package
logo
Lowpower Semiconductor ...
LP3986 POWER-LP3986 Datasheet
679Kb / 6P
300mA,Ultra-low Noise LDO Regulator
logo
Texas Instruments
LP3986 TI2-LP3986 Datasheet
578Kb / 18P
LP3986 Dual Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulators in DSBGA Package
REVISED FEBRUARY 2013
logo
National Semiconductor ...
LP3986BL-2528 NSC-LP3986BL-2528 Datasheet
328Kb / 13P
Dual Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulators in micro SMD Package
LP3986BL-2828 NSC-LP3986BL-2828 Datasheet
328Kb / 13P
Dual Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulators in micro SMD Package
More results

Similar Description - LP3986

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3986 NSC-LP3986 Datasheet
328Kb / 13P
Dual Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulators in micro SMD Package
LP3987 NSC-LP3987 Datasheet
533Kb / 17P
Micropower micro SMD 150 mA Ultra Low-Dropout CMOS Voltage Regulators with sleep MODE
logo
Texas Instruments
LP3985 TI-LP3985_15 Datasheet
1Mb / 33P
LP3985 Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP3986 TI-LP3986_15 Datasheet
996Kb / 18P
LP3986 Dual Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulators in DSBGA Package
LP3984 TI1-LP3984 Datasheet
1Mb / 19P
Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulator in Subminiature
LP3985 TI1-LP3985 Datasheet
1Mb / 33P
Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP3987 TI1-LP3987 Datasheet
1Mb / 21P
Micropower DSBGA 150-mA Ultra Low-Dropout CMOS Voltage Regulator
LP3988 TI1-LP3988 Datasheet
1Mb / 25P
Micropower, 150-mA Ultra-Low-Dropout CMOS Voltage Regulator
TPS76515 TI1-TPS76515_16 Datasheet
1Mb / 27P
ULTRA-LOW QUIESCIENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATORS
LP3985 TI1-LP3985_16 Datasheet
1Mb / 32P
Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com