Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3986 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LP3986
Description  Dual Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3986 Datasheet(HTML) 3 Page - Texas Instruments

  LP3986 Datasheet HTML 1Page - Texas Instruments LP3986 Datasheet HTML 2Page - Texas Instruments LP3986 Datasheet HTML 3Page - Texas Instruments LP3986 Datasheet HTML 4Page - Texas Instruments LP3986 Datasheet HTML 5Page - Texas Instruments LP3986 Datasheet HTML 6Page - Texas Instruments LP3986 Datasheet HTML 7Page - Texas Instruments LP3986 Datasheet HTML 8Page - Texas Instruments LP3986 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
LP3986
www.ti.com
SNVS142U – AUGUST 2001 – REVISED FEBRUARY 2013
Connection Diagram
8 Bump DSBGA Package – Top View
See Package Number YZR0008
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2) (3)
VIN, VEN
−0.3 to 6.5V
VOUT
−0.3 to (VIN+0.3V) ≤ 6.5V
Junction Temperature
150°C
Storage Temperature
−65°C to +150°C
Pad Temp. (4)
235°C
Maximum Power Dissipation (5)
364mW
ESD Rating (6)
Human Body Model
2kV
Machine Model
200V
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed performance limits
and associated test conditions, see Electrical Characteristics.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office / Distributors for
availability and specifications.
(4)
Additional information on pad temperature can be found in TI's AN-1112 application report (SNVA009).
(5)
The Absolute Maximum power dissipation depends on the ambient temperature and can be calculated using the formula: PD = (TJ -
TA)/θJA,Where TJ is the junction temperature, TA is the ambient temperature, and θJA is the junction-to-ambient thermal resistance. The
364mW rating appearing under Absolute Maximum Ratings results from substituting the Absolute Maximum junction temperature,
150°C, for TJ, 70°C for TA, and 220°C/W for θJA. More power can be dissipated safely at ambient temperatures below 70°C . Less
power can be dissipated safely at ambient temperatures above 70°C. The Absolute Maximum power dissipation can be increased by
4.5mW for each degree below 70°C, and it must be derated by 4.5mW for each degree above 70°C.
(6)
The human body model is 100pF discharged through a 1.5k
Ω resistor into each pin. The machine model is a 200pF capacitor
discharged directly into each pin.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP3986



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com