Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3991TL-1.7/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LP3991TL-1.7/NOPB
Description  300-mA LDO for Digital Applications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3991TL-1.7/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP3991TL-1.7/NOPB Datasheet HTML 2Page - Texas Instruments LP3991TL-1.7/NOPB Datasheet HTML 3Page - Texas Instruments LP3991TL-1.7/NOPB Datasheet HTML 4Page - Texas Instruments LP3991TL-1.7/NOPB Datasheet HTML 5Page - Texas Instruments LP3991TL-1.7/NOPB Datasheet HTML 6Page - Texas Instruments LP3991TL-1.7/NOPB Datasheet HTML 7Page - Texas Instruments LP3991TL-1.7/NOPB Datasheet HTML 8Page - Texas Instruments LP3991TL-1.7/NOPB Datasheet HTML 9Page - Texas Instruments LP3991TL-1.7/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6
LP3991
SNVS296J – DECEMBER 2006 – REVISED JUNE 2016
www.ti.com
Product Folder Links: LP3991
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Unless otherwise noted, VEN = 950 mV, VIN = VOUT + 0.5 V, or 1.8 V, whichever is higher, CIN = 1 µF, COUT = 4.7 µF, IOUT =
1 mA. Typical values and limits apply for TA = 25°C. Minimum and maximum limits apply over the full junction temperature
range for operation,
−40°C to +125°C, unless otherwise specified.
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(11) The capacitor tolerance must be 30% or better over temperature. The full operating conditions for the application must be considered
when selecting a suitable capacitor to ensure that the minimum value of capacitance is always met. Recommended capacitor type is
X7R or X5R. (See External Capacitors in Detailed Design Procedure.)
(12) On lower voltage options, 2.2-µF output capacitor may be used but some degradation in load transient (10 -15%) can be expected,
compared to a 4.7-µF capacitor.
TIMING CHARACTERISTICS
Transient
Response
Line transient response |
δVOUT|
Trise = Tfall = 30 µs
(9)
δVIN = 600 mV
6
mV
(pk - pk)
Load transient response |
δVOUT|
Trise = Tfall = 1 µs
(9)
IOUT = 0 mA to 300 mA
140
mV
IOUT = 1 mA to 300 mA
110
IOUT = 300 mA to 1 mA
80
IOUT = 0 mA to 200 mA
110
IOUT = 1 mA to 200 mA
80
IOUT = 200 mA to 1 mA
60
IOUT = 0 mA to 150 mA
100
IOUT = 1 mA to 150 mA
70
IOUT = 150 mA to 1 mA
50
Overshoot on start-up
0%
2%
IIR
In-rush current(9)
600
1000
mA
OUTPUT CAPACITANCE
COUT
Output capacitor
Capacitance(11)
VOUT ≥ 1.5 V
2
4.7
µF
VOUT < 1.5 V
(12)
1.6
2.2
ESR
5
500
m
Ω
(1)
This electrical specification is ensured by design.
6.6 Timing Requirements
MIN
NOM
MAX
UNIT
tON
Turnon time(1) To 95% Level
VIN(MIN) to 3.6 V, VOUT ≤ 2 V
100
µs
Turnon time(1) To 95% Level
VIN(MIN) to 3.6 V, VOUT ≥ 2 V
140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com