Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3991TL-1.7/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LP3991TL-1.7/NOPB
Description  300-mA LDO for Digital Applications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3991TL-1.7/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP3991TL-1.7/NOPB Datasheet HTML 6Page - Texas Instruments LP3991TL-1.7/NOPB Datasheet HTML 7Page - Texas Instruments LP3991TL-1.7/NOPB Datasheet HTML 8Page - Texas Instruments LP3991TL-1.7/NOPB Datasheet HTML 9Page - Texas Instruments LP3991TL-1.7/NOPB Datasheet HTML 10Page - Texas Instruments LP3991TL-1.7/NOPB Datasheet HTML 11Page - Texas Instruments LP3991TL-1.7/NOPB Datasheet HTML 12Page - Texas Instruments LP3991TL-1.7/NOPB Datasheet HTML 13Page - Texas Instruments LP3991TL-1.7/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
10
LP3991
SNVS296J – DECEMBER 2006 – REVISED JUNE 2016
www.ti.com
Product Folder Links: LP3991
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Feature Description (continued)
7.3.2 Maximum Supply Voltage and Thermal Considerations
Maximum recommended input voltage is 3.6 V. The device may be operated at 4-V VIN if proper care is given to
the board design in regard to thermal dissipation. As a guide, refer to Table 1 for ambient temperature at two
input voltages and two load currents for the example board types.
Table 1. Example Board Ambient Temperatures
RθJA
VIN
VOUT
IOUT
PD
AMBIENT TEMPERATURE
189ºC/W
3.6 V
2.8 V
160 mA
0.13 W
100ºC
250 mA
0.20 W
87ºC
4 V
2.8 V
160 mA
0.19 W
89ºC
250 mA
0.30 W
68ºC
160ºC/W
3.6 V
2.8 V
160 mA
0.13 W
104ºC
250 mA
0.20 W
93ºC
4 V
2.8 V
160 mA
0.19 W
94ºC
250 mA
0.30 W
77ºC
7.4 Device Functional Modes
7.4.1 Enable Control
The LP3991 features an active high enable (EN) pin, which turns the device on when pulled high. When not
enabled the regulator output is off and the device typically consumes 2 nA.
If the application does not require the enable switching feature, the EN pin must be tied to VIN to keep the
regulator output permanently on.
To ensure proper operation, the signal source used to drive the EN input must be able to swing above and below
the specified turnon/off voltage thresholds listed in Typical Characteristics under VIL and VIH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com