Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3991TL-1.7/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LP3991TL-1.7/NOPB
Description  300-mA LDO for Digital Applications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3991TL-1.7/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP3991TL-1.7/NOPB Datasheet HTML 8Page - Texas Instruments LP3991TL-1.7/NOPB Datasheet HTML 9Page - Texas Instruments LP3991TL-1.7/NOPB Datasheet HTML 10Page - Texas Instruments LP3991TL-1.7/NOPB Datasheet HTML 11Page - Texas Instruments LP3991TL-1.7/NOPB Datasheet HTML 12Page - Texas Instruments LP3991TL-1.7/NOPB Datasheet HTML 13Page - Texas Instruments LP3991TL-1.7/NOPB Datasheet HTML 14Page - Texas Instruments LP3991TL-1.7/NOPB Datasheet HTML 15Page - Texas Instruments LP3991TL-1.7/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
12
LP3991
SNVS296J – DECEMBER 2006 – REVISED JUNE 2016
www.ti.com
Product Folder Links: LP3991
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
8.2.2.2 Input Capacitor
An input capacitor is required for stability. It is recommended that a 1-µF capacitor be connected between the
LP3991 IN pin and ground (this capacitance value may be increased without limit).
This capacitor must be located a distance of not more than 1 cm from the IN pin and returned to a clean analog
ground. Any good-quality ceramic, tantalum, or film capacitor may be used at the input.
NOTE
Tantalum capacitors can suffer catastrophic failures due to surge current when connected
to a low-impedance source of power (like a battery or a very large capacitor). If a tantalum
capacitor is used at the input, a surge current rating sufficient for the application must be
ensured by the manufacturer.
There are no requirements for the equivalent series resistance (ESR) on the input capacitor, but tolerance,
temperature, and voltage coefficients must be considered when selecting the capacitor to ensure the capacitance
remains
≊ 1 µF over the entire operating temperature range.
8.2.2.3 Output Capacitor
Correct selection of the output capacitor is critical to ensure stable operation in the intended application.
The output capacitor must meet all the requirements specified in the recommended capacitor table over all
conditions in the application. these conditions include DC bias, frequency and temperature. Unstable operation
results if the capacitance drops below the minimum specified value.
The LP3991 is designed specifically to work with very small ceramic output capacitors. For voltage options of 1.5
V and higher, A 4.7-µF ceramic capacitor (dielectric type X7R or X5R) with an ESR between 5 m
Ω to 500 mΩ, is
suitable in the LP3991 application circuit. However, on lower VOUT options a 2.2-µF may be employed with only a
small increase in load transient.
Other ceramic types such as Y5V and Z5U are less suitable owing to their inferior temperature characteristics.
(See Capacitor Characteristics.)
It is also recommended that the output capacitor is placed within 1 cm of the OUT pin and returned to a clean,
low impedance, ground connection.
It is possible to use tantalum or film capacitors at the device output, VOUT, but these are not as attractive for
reasons of size and cost. (See Capacitor Characteristics.)
8.2.2.4 No-Load Stability
The LP3991 remains stable and in regulation with no external load. This is an important consideration in some
circuits, for example CMOS RAM keep-alive applications.
8.2.2.5 Capacitor Characteristics
The LP3991 is designed to work with ceramic capacitors on the input and output to take advantage of the
benefits they offer. For capacitance values around 4.7 µF, ceramic capacitors give the circuit designer the best
design options in terms of low cost and minimal area.
For both input and output capacitors, careful interpretation of the capacitor specification is required to ensure
correct device operation. The capacitor value can change greatly dependant on the conditions of operation and
capacitor type.
In particular, to ensure stability, the output capacitor selection must take account of all the capacitor parameters,
to ensure that the specification is met within the application. Capacitance value can vary with DC bias conditions
as well as temperature and frequency of operation. Capacitor values also show some decrease over time due to
aging. The capacitor parameters are also dependant on the particular case size with smaller sizes giving poorer
performance figures in general.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com