Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3991TL-1.7/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LP3991TL-1.7/NOPB
Description  300-mA LDO for Digital Applications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3991TL-1.7/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP3991TL-1.7/NOPB Datasheet HTML 5Page - Texas Instruments LP3991TL-1.7/NOPB Datasheet HTML 6Page - Texas Instruments LP3991TL-1.7/NOPB Datasheet HTML 7Page - Texas Instruments LP3991TL-1.7/NOPB Datasheet HTML 8Page - Texas Instruments LP3991TL-1.7/NOPB Datasheet HTML 9Page - Texas Instruments LP3991TL-1.7/NOPB Datasheet HTML 10Page - Texas Instruments LP3991TL-1.7/NOPB Datasheet HTML 11Page - Texas Instruments LP3991TL-1.7/NOPB Datasheet HTML 12Page - Texas Instruments LP3991TL-1.7/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
IN
EN
GND
OUT
ON
OFF
1.2 M
LP3991
9
LP3991
www.ti.com
SNVS296J – DECEMBER 2006 – REVISED JUNE 2016
Product Folder Links: LP3991
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The LP3991 device is a monolithic integrated low-dropout voltage regulator with a low input operating voltage
tolerance. Key protection circuits, including output current limitation and thermal shutdown, are integrated in the
device. Using the EN pin, the device may be controlled to provide a shutdown state, in which negligible supply
current is drawn. The LP3991 is designed to be stable with space-saving ceramic capacitors as small as 0402
case size.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Post-Buck Regulator
Linear post-regulation can be an effective way to reduce ripple and switching noise from DC-DC convertors while
still maintaining a reasonably high overall efficiency.
The LP3991 is particularly suitable for this role due to its low input voltage requirements. In addition, there is
often no need for a separate input capacitor for the LP3991 as it can share the output cap of the DC-DC
convertor.
Care of PCB layouts involving switching regulators is paramount. In particular, the ground paths for the LDO
must be routed separately from the switcher ground and star connected close to the battery. Routing of the
switch pin of the DC-DC convertor must be kept short to minimize radiated EMI. A low pass filter such as a ferrite
bead or common mode choke on the battery input leads can further reduce radiated EMI.
Figure 19 shows a typical example using an LM3673, 350-mA DC-DC buck regulator with a nominal output of
1.8 V and a 1.5-V LP3991 device. The overall efficiency is greater than 70% over the full Li-Ion battery voltage
range. Maximum efficiency is achieved by minimizing the difference between VIN and VOUT of the LP3991 device.
The LP3991-1.5 remains in regulation down to an input voltage of 1.65 V; thus, in this case, a 1.8-V buck with
5% tolerance is adequate for all conditions of temperature and load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com