Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9315 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT9315
Description  15-Memory Tone/Pulse Dialer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9315 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT9315 Datasheet HTML 1Page - Holtek Semiconductor Inc HT9315 Datasheet HTML 2Page - Holtek Semiconductor Inc HT9315 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9315 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9315 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9315 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9315 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9315 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9315 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
HT9315 Series
15-Memory Tone/Pulse Dialer
Selection Table
Function
Item
Lock
Function
Hold-Line
Hand-Free
LCD
Interface
Min.
Flash Time
Package
HT9315x
(Normal version)
HT9315A
¾¾¾¾
98ms
18 DIP
HT9315B
¾Ö
Ö¾
22 SKDIP
HT9315C
¾¾¾
Ö
20 DIP
HT9315D
¾
ÖÖÖ
24 SKDIP
HT9315xL
(Mechanical and Keyboard Operated Lock Version)
HT9315AL
Lock 0
Lock 0, 9
Lock All
Keyboard
Operated Lock
¾¾¾
98ms
18 DIP
HT9315BL
ÖÖ
¾
22 SKDIP
HT9315CL
¾¾
Ö
20 DIP
HT9315DL
ÖÖÖ
24 SKDIP
Rev. 1.20
1
October 1, 2002
Features
· Universal specification
· Operating voltage: 2.0V~5.5V
· Low standby current
· Low memory retention current: 0.1mA (Typ.)
· Tone/pulse switchable
· Interface with LCD driver
· 32 digits for redialing
· 32 digits for the SA memory dialing
· One-key redialing
· Pause and P®T key for PBX
· 4´5 keyboard matrix
· 3.58MHz crystal or ceramic resonator
· Hand-free control
· Hold-line control
· Pause, P®T can be saved for redialing
· Lock function
· Keytone function
· Resistor options:
- M/B ratio
- Flash function and flash time (86ms~600ms)
- Pause and P®T duration
- Pulse number
- Keyboard operated IDD lock function
- Keyboard form
· HT9315A/HT9315AL: 18-pin DIP package
HT9315B/HT9315BL: 22-pin SKDIP package
HT9315C/HT9315CL: 20-pin DIP package
HT9315D/HT9315DL: 24-pin SKDIP package
General Description
The HT9315 series tone/pulse dialers are CMOS LSIs for
telecommunication systems. They are designed to meet
various dialing specifications through resistor option ma-
trix.
The HT9315 series are offered in two different ver-
sions. They are HT9315x normal version and
HT9315xL lock version, with keyboard-operated IDD
lock function. The two versions also supply the follow-
ing functions: Hold-line, Hand-free and LCD dialing
number display interface, all of which are suitable for
feature phone applications.
Patent Number: 64097, 86474, 113235(R.O.C.), 5424740(U.S.A.)


Similar Part No. - HT9315

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT9312 HOLTEK-HT9312 Datasheet
1Mb / 30P
12-Memory Tone/Pulse Dialer
HT9312A HOLTEK-HT9312A Datasheet
1Mb / 30P
12-Memory Tone/Pulse Dialer
HT9312AI HOLTEK-HT9312AI Datasheet
1Mb / 30P
12-Memory Tone/Pulse Dialer
HT9312AIT HOLTEK-HT9312AIT Datasheet
1Mb / 30P
12-Memory Tone/Pulse Dialer
HT9312AL HOLTEK-HT9312AL Datasheet
1Mb / 30P
12-Memory Tone/Pulse Dialer
More results

Similar Description - HT9315

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT9320 HOLTEK-HT9320 Datasheet
382Kb / 30P
22-Memory Tone/Pulse Dialer
July 21, 1999
logo
UMC Corporation
UM91270 UMC-UM91270 Datasheet
711Kb / 11P
20 MEMORY TONE/PULSE DIALER
logo
Holtek Semiconductor In...
HT93214 HOLTEK-HT93214 Datasheet
194Kb / 16P
1-memory Tone/Pulse Dialer
October 2, 2002
logo
UMC Corporation
UM91261 UMC-UM91261 Datasheet
688Kb / 11P
10 MEMORY TONE /PULSE DIALER
logo
Holtek Semiconductor In...
HT9312 HOLTEK-HT9312 Datasheet
1Mb / 30P
12-Memory Tone/Pulse Dialer
logo
List of Unclassifed Man...
HM9114 ETC1-HM9114 Datasheet
118Kb / 1P
TONE/PULSE SWITCHABLE & 15 MEMORY DIALER
logo
Holtek Semiconductor In...
HT9214 HOLTEK-HT9214 Datasheet
1,008Kb / 25P
15-Memory Tone/Pulse Dialer
3rd Dec 97
HT9320 HOLTEK-HT9320_02 Datasheet
369Kb / 29P
22-Memory Tone/Pulse Dialer
October 1, 2002
logo
UMC Corporation
UM91265 UMC-UM91265 Datasheet
716Kb / 12P
15 Memory Tone/Pulse Dialer
logo
ARTSCHIP ELECTRONICS CO...
W91350N ARTSCHIP-W91350N Datasheet
3Mb / 15P
13-MEMORY TONE/PULSE DIALER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com