Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9315 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT9315
Description  15-Memory Tone/Pulse Dialer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9315 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT9315 Datasheet HTML 1Page - Holtek Semiconductor Inc HT9315 Datasheet HTML 2Page - Holtek Semiconductor Inc HT9315 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9315 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9315 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9315 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9315 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9315 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9315 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
Pin Description
Pin Name
I/O
Internal
Connection
Description
C1~C5
R1~R4
I/O
CMOS
IN/OUT
These pins form a 4
´5 keyboard matrix which can perform keyboard input detection
and dialing specification setting functions. When on-hook (HKS=high) all the pins are
set high. While off-hook the column group (C1~C5) remains low and the row group
(R1~R4) is set high for key input detection.
An inexpensive single contact 4
´5 keyboard can be used as an input device.
Pressing a key connects a single column to a single row, and actuates the system os-
cillator that results in a dialing signal output. If more than two keys are pressed at the
same time, no response occurs. The key-in debounce time is 20ms. Refer to the key-
board information for keyboard arrangement and to the functional description for dial-
ing specification selection.
X1
I
OSCILLATOR
The system oscillator consists of an inverter, a bias resistor and the necessary
load capacitor on chip. Connecting a standard 3.579545MHz crystal or ceramic
resonator to the X1 and X2 terminals can implement the oscillator function. The
oscillator is turned off in the standby mode, and is actuated whenever a keyboard
entry is detected.
X2
O
XMUTE
O
NMOS OUT
XMUTE is an NMOS open drain structure pulled to VSS during dialing signal
transmission. Otherwise, it is an open circuit. XMUTE is used to mute the speech
circuit when transmitting the dial signal.
HKS
I
CMOS IN
This pin is used to monitor the status of the hook-switch and its combination with
HFI/HDI can control the PO pin output to make or break the line.
HKS=VDD: On-hook state (PO=low). Except for HFI/HDI
(hand-free/hold-line control input), other functions are all disabled.
HKS=VSS: Off-hook state (PO=high). The chip is in the standby mode and ready to
receive the key input.
PO
O
CMOS OUT
This pin is a CMOS output structure which by receiving the HKS and HFO/HDO
signals, control the dialer to connect or disconnect the telephone line.
PO outputs a low to break line when HKS is high (on-hook) and HFO/HDO is low.
PO outputs a high to make line when HKS is low (off-hook) or HFO is high or HDO
is high.
During the off-hook state, this pin also outputs the dialing pulse train in pulse
mode dialing. While in the tone mode, this pin is always high.
MODE
I/O
CMOS
IN/OUT
This is a three-state input/output pin, use for dialing mode selection, either Tone
mode or Pulse mode, 10pps/20pps
MODE=VDD: Pulse mode, 10pps
MODE=OPEN: Pulse mode, 20pps
MODE=VSS: Tone mode
During the pulse mode dialing, switching this pin to the tone mode changes the
subsequent digit entry to tone mode. When the chips are in tone mode, switching
to pulse mode will also be recognized.
DTMF
O
CMOS OUT
This pin is active only when the chip transmits tone dialing signals. Otherwise, it
always outputs a low. The pin outputs tone signals to drive the external transmitter
amplifier circuit. The load resistor should not be less than 5k
W.
HDI
I
CMOS IN
Pull-High
This pin is a Schmitt trigger input structure. Active low. Applying a negative going
pulse to this pin can toggle the HDO output once.
An external RC network is recommended for input debouncing. The pull-high re-
sistance is 200k
W typ.
HDO
O
CMOS OUT
The HDO is a CMOS output structure. Its output is toggle- controlled by a negative
transition on HDI. When HDO is toggled high, PO keeps high to hold the line. The
hold function can be released by setting HFO high or by an on/off hook operation
or by another HDI input. Refer to the functional description for the hold-line func-
tion.
HT9315 Series
Rev. 1.20
3
October 1, 2002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com