Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9315 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT9315
Description  15-Memory Tone/Pulse Dialer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9315 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT9315 Datasheet HTML 1Page - Holtek Semiconductor Inc HT9315 Datasheet HTML 2Page - Holtek Semiconductor Inc HT9315 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9315 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9315 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9315 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9315 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9315 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9315 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Pin Name
I/O
Internal
Connection
Description
HFI
I
CMOS IN
Pull-Low
This pin is a Schmitt trigger input structure. Active high. Applying a positive pulse
to HFI can toggle the HFO once and hence control the hand-free function. The
pull-low resistance of HFI is 200k
W typ.
An external RC network is recommended for input debouncing.
HFO
O
CMOS OUT
The HFO is a CMOS output structure. Its output is toggle- controlled by a positive
transition on HFI pin. When HFO is high, the hand-free function is enabled and PO
outputs a high to connect the line.
The hand-free function can be released by setting HDO high or by an on-off-hook op-
eration or by another HFI input. Refer to the functional description for the hand-free
functional operation.
DOUT
O
NMOS OUT
NMOS open drain output pin. It outputs the BCD code of the dialing digits to the
LCD driver chip (HT16XX series) or MCU for dialing number display. Refer to the
functional description for the detailed timing.
CLOCK
O
NMOS OUT
NMOS open drain output. When dialing, it outputs a series of pulse trains for
DOUT data synchronization. DOUT data is valid at the falling edge of the clock.
VDD
¾¾
Positive power supply, 2.0V~5.5V for normal operation
VSS
¾¾
Negative power supply, ground
Approximate internal connection circuits
Absolute Maximum Ratings
Supply Voltage ...........................................
-0.3V to 6V
Input Voltage .............................. VSS
-0.3 to VDD+0.3V
Storage Temperature ...........................
-50°Cto125°C
Operating Temperature ..........................
-20°Cto75°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
HT9315 Series
Rev. 1.20
4
October 1, 2002
N M O S O U T
V D D
C M O S I N / O U T
C M O S I N
P u l l - L o w
C M O S I N
P u l l - H i g h
C M O S I N
O S C I L L A T O R
X 1
X 2
E N
1 0 M
2 0 P
1 0 P
C M O S O U T
V D D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com