Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9315 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT9315
Description  15-Memory Tone/Pulse Dialer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9315 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT9315 Datasheet HTML 1Page - Holtek Semiconductor Inc HT9315 Datasheet HTML 2Page - Holtek Semiconductor Inc HT9315 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9315 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9315 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9315 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9315 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9315 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9315 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
Block Diagram
Pin Assignment
HT9315x/xL version
Keyboard Information
HT9315 Series
Rev. 1.20
2
October 1, 2002
C 1
R 1
P O
H K S
H D I
K e y
C o l u m n
. S M
K e y
. u n c t i o n
E n c o d e r
E n c o d e r
C o n t r o l
W R M
C o u n t e r
A D D R L
K e y R o w
S R A M
D e b o u n c e
D i v i d e r
C l o c k
G e n e r a t o r
M / B
. l a s h
T i m e r
C h e c k
T o n e
E n c o d e r
C o n v e r t e r
M o d e I n
H D / H .
T o n e
O u t
P u l s e
O u t
D T M .
H . I
M O D E
H . O
H D O
D O U T
C L O C K
X M U T E
C 5
R 4
X 1
X 2
K e y t o n e
G e n e r a t o r
2 4
2 3
2 2
2 1
2 0
1 9
1 8
1 7
1 6
1 5
1 4
1 3
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
H D O
R 4
R 3
R 2
R 1
M O D E
D T M .
P O
H K S
V D D
H . O
C L O C K
1 8
1 7
1 6
1 5
1 4
1 3
1 2
1 1
1 0
1
2
3
4
5
6
7
8
9
H T 9 3 1 5 A / A L
1 8 D I P - A
R 4
R 3
R 2
R 1
M O D E
D T M .
P O
H K S
V D D
2 2
2 1
2 0
1 9
1 8
1 7
1 6
1 5
1 4
1 3
1 2
1
2
3
4
5
6
7
8
9
1 0
1 1
H D O
R 4
R 3
R 2
R 1
M O D E
D T M .
P O
H K S
V D D
H . O
2 0
1 9
1 8
1 7
1 6
1 5
1 4
1 3
1 2
1 1
1
2
3
4
5
6
7
8
9
1 0
R 4
R 3
R 2
R 1
M O D E
D T M .
P O
H K S
V D D
C L O C K
C 1
C 2
C 3
C 4
C 5
X 1
X 2
X M U T E
V S S
H D I
C 1
C 2
C 3
C 4
C 5
X 1
X 2
X M U T E
V S S
H . I
C 1
C 2
C 3
C 4
C 5
X 1
X 2
X M U T E
V S S
D O U T
H D I
C 1
C 2
C 3
C 4
C 5
X 1
X 2
X M U T E
V S S
H . I
D O U T
H T 9 3 1 5 B / B L
2 2 S K D I P - A
H T 9 3 1 5 C / C L
2 0 D I P - A
H T 9 3 1 5 D / D L
2 4 S K D I P - A
1
4
7
* / T
2
5
8
0
3
6
9
#
E M 1
E M 2
E M 3
S T
1
4
7
* / T
2
5
8
0
3
6
9
#
P
.
A
R
C 5
. o r m B
C 4
C 1
C 2
C 3
C 5
. o r m A
C 4
C 1
C 2
C 3
R 4
R 3
R 2
R 1
R 4
R 3
R 2
R 1
E M 1
E M 2
E M 3
S T
S A
.
A
R / P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com