Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8340 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP8340
Description  LP8340 Low Dropout, Low IQ, 1.0A CMOS Linear Regulator Check for Samples: LP8340
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8340 Datasheet(HTML) 5 Page - Texas Instruments

  LP8340 Datasheet HTML 1Page - Texas Instruments LP8340 Datasheet HTML 2Page - Texas Instruments LP8340 Datasheet HTML 3Page - Texas Instruments LP8340 Datasheet HTML 4Page - Texas Instruments LP8340 Datasheet HTML 5Page - Texas Instruments LP8340 Datasheet HTML 6Page - Texas Instruments LP8340 Datasheet HTML 7Page - Texas Instruments LP8340 Datasheet HTML 8Page - Texas Instruments LP8340 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
LP8340
www.ti.com
SNVS221D – FEBRUARY 2003 – REVISED APRIL 2013
LP8340I Electrical Characteristics
Unless otherwise specified all limits ensured for VIN = VO+ 1V, CIN = COUT = 10μF, TJ = 25°C. Boldface limits apply over the
full operating temperature range of TJ = −40°C to 125°C
Symbol
Parameter
Conditions
Min(1)
Typ(2)
Max(1)
Units
VIN
Input Voltage
LP8340-ADJ,1.8, 2.5
2.7
10
V
LP8340-3.3, 5.0
10
VOUT
Output Voltage
LP8340-ADJ, ADJ = OUT
IOUT = 10mA, VIN = 2.7V, TJ = 25°C
1.231
1.269
1.250
V
100
μA ≤IOUT≤ 800mA, 3.0V ≤VIN≤VOUT +4V
1.213
1.288
800mA <IOUT ≤1.0A, 3.2V ≤VIN ≤VOUT +4V
1.213
1.288
LP8340-1.8
IOUT = 10mA, VIN = 2.8V, TJ = 25°C
1.773
1.827
1.800
V
100
μA ≤IOUT ≤800mA, 3.2V ≤VIN≤6V
1.746
1.854
800mA <IOUT ≤1.0A, 3.4V ≤VIN ≤6V
1.746
1.854
LP8340-2.5
IOUT = 10mA, VIN = 3.8V, TJ = 25°C
2.463
2.500
2.538
V
100
μA ≤IOUT ≤1.0A, 3.8V ≤VIN ≤6.5V
2.425
2.575
LP8340-3.3
IOUT = 10mA, VIN = 4.3V TJ = 25°C
3.250
3.300
3.350
V
100
μA ≤IOUT ≤1.0A, 4.3V ≤VIN ≤7.5V
3.201
3.399
LP8340-5.0
IOUT = 10mA, VIN = 6V, TJ = 25°C
4.925
5.000
5.075
V
100
μA ≤IOUT ≤1.0A, 6V ≤VIN ≤9V
4.850
5.150
ΔVO
Load Regulation
LP8340-ADJ, ADJ=OUT
IOUT = 1mA to 1.0A, VIN = 3.2V
6
25
LP8340-1.8
IOUT = 1mA to 1.0A, VIN = 3.4V
8
30
LP8340-2.5
mV
IOUT = 1mA to 1.0A, VIN = 3.5V
15
50
LP8340-3.3
IOUT = 1mA to 1.0A, VIN = 4.3V
20
75
LP8340-5.0
IOUT = 1mA to 1.0A, VIN = 6V
25
100
ΔVO
Line Regulation
VOUT + 0.5V ≤VIN ≤10V, IOUT = 25mA
(3)
4
15
mV
VIN − VO
Dropout Voltage(3)(4)
LP8340-1.8
IOUT = 800mA
680
1400
LP8340-2.5
IOUT = 800mA
550
1000
LP8340-2.5
IOUT = 1.0A
670
1300
LP8340-3.3
mV
LP8340-ADJ, VOUT = 3.3V, IOUT = 800mA
420
800
LP8340-3.3
LP8340-ADJ, IOUT = 1.0A
540
1000
LP8340-5.0
IOUT = 800mA
330
650
LP8340-5.0
IOUT = 1.0A
420
800
IQ
Quiescent Current
VIN ≤10V
19
50
μA
Minimum Load Current
VIN − VOUT ≤4V
100
μA
ILIMIT
Foldback Current Limit
VIN − VOUT >5V
450
mA
VIN − VOUT <4V
1600
Ripple Rejection Ratio
VIN (dc) = VOUT + 2V
48
55
dB
VIN (ac) = 1 VP-P @ 120Hz
(1)
All limits are specified by testing or statistical analysis.
(2)
Typical Values represent the most likely parametric norm.
(3)
Condition does not apply to input voltages below 2.7V since this is the minimum input operating voltage.
(4)
Dropout voltage is measured by reducing VIN until VO drops 100mV from its normal value.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP8340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com