Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8340 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LP8340
Description  LP8340 Low Dropout, Low IQ, 1.0A CMOS Linear Regulator Check for Samples: LP8340
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8340 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP8340 Datasheet HTML 3Page - Texas Instruments LP8340 Datasheet HTML 4Page - Texas Instruments LP8340 Datasheet HTML 5Page - Texas Instruments LP8340 Datasheet HTML 6Page - Texas Instruments LP8340 Datasheet HTML 7Page - Texas Instruments LP8340 Datasheet HTML 8Page - Texas Instruments LP8340 Datasheet HTML 9Page - Texas Instruments LP8340 Datasheet HTML 10Page - Texas Instruments LP8340 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
10
100
1k
10k
100k
0
10
20
30
40
50
60
FREQUENCY (Hz)
2.5
5
7.5
10
12.5
16
17
18
19
20
21
22
INPUT VOLTAGE (V)
0
25
50
75
100
125
17
17.5
18
18.5
19
TEMPERATURE (°C)
0
200
400
600
800
1000
15
16
17
18
19
20
LOAD CURRENT (mA)
0°C
25°C
125°C
0
25
50
75
100
125
-1.50
-1.00
-0.50
0.00
0.50
1.00
1.50
TEMPERATURE (°C)
0
200
400
600
800
1000
0
100
200
300
400
500
600
700
800
LOAD CURRENT (mA)
3.3V
2.5V
5.0V
LP8340
www.ti.com
SNVS221D – FEBRUARY 2003 – REVISED APRIL 2013
Typical Performance Characteristics
Unless otherwise specified, VIN = VO + 1.5V, CIN = COUT = 10μF X7R ceramic, TJ = 25°C
Output Voltage Change vs. Temperature
Dropout Voltage vs. Load Current
Figure 6.
Figure 7.
Ground Current vs. Temperature (ILOAD = 1A)
Ground Current vs. Load Current
Figure 8.
Figure 9.
Ground Current vs. Input Voltage
Ripple Rejection Ratio vs. Frequency
Figure 10.
Figure 11.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LP8340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com