Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8340 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LP8340
Description  LP8340 Low Dropout, Low IQ, 1.0A CMOS Linear Regulator Check for Samples: LP8340
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8340 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP8340 Datasheet HTML 2Page - Texas Instruments LP8340 Datasheet HTML 3Page - Texas Instruments LP8340 Datasheet HTML 4Page - Texas Instruments LP8340 Datasheet HTML 5Page - Texas Instruments LP8340 Datasheet HTML 6Page - Texas Instruments LP8340 Datasheet HTML 7Page - Texas Instruments LP8340 Datasheet HTML 8Page - Texas Instruments LP8340 Datasheet HTML 9Page - Texas Instruments LP8340 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
LP8340
SNVS221D – FEBRUARY 2003 – REVISED APRIL 2013
www.ti.com
LP8340I Electrical Characteristics (continued)
Unless otherwise specified all limits ensured for VIN = VO+ 1V, CIN = COUT = 10μF, TJ = 25°C. Boldface limits apply over the
full operating temperature range of TJ = −40°C to 125°C
Symbol
Parameter
Conditions
Min(1)
Typ(2)
Max(1)
Units
TSD
Thermal Shutdown Temp.
160
°C
Thermal Shutdown Hyst.
10
ADJ Input Leakage Current
VADJ = 1.5V or 0V
±0.01
±100
nA
VOUT Leakage Current
LP8340-ADJ
ADJ = OUT, VOUT = 2V, VIN = 10V
10
LP8340-1.8, VOUT = 2.5V, VIN = 10V
10
μA
LP8340-2.5, VOUT = 3.5V, VIN = 10V
10
LP8340-3.3, VOUT = 4V, VIN = 10V
10
LP8340-5.0, VOUT = 6V, VIN = 10V
10
en
Output Noise
10Hz to 10kHz, RL = 1kΩ, COUT = 10μF
250
μVrms
6
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LP8340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com